Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 875 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 875 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 871Page - Renesas Technology Corp 32186 Datasheet HTML 872Page - Renesas Technology Corp 32186 Datasheet HTML 873Page - Renesas Technology Corp 32186 Datasheet HTML 874Page - Renesas Technology Corp 32186 Datasheet HTML 875Page - Renesas Technology Corp 32186 Datasheet HTML 876Page - Renesas Technology Corp 32186 Datasheet HTML 877Page - Renesas Technology Corp 32186 Datasheet HTML 878Page - Renesas Technology Corp 32186 Datasheet HTML 879Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 875 / 1032 page
background image
RAM BACKUP MODE
19
19-3
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
19.2.1 Normal Operating State
Figure 19.2.2 shows the normal operating state of the M32R/ECU. During normal operation, input on the
SBI# pin or AD0INi (i = 0–15) pin which is used to detect a RAM backup signal remains "H."
Figure 19.2.2 Normal Operating State
Backup power supply
for power outage
Reference voltage for
power outage detection
Power outage
detection signal
"H"
3.3V or 5V
VREF0
SBI#
AD0INi
M32R/ECU
C
VCC
VDD
VBB
VREF
DC IN
(5V or 3.3V)
VDDE
AVCC0
OUT
VCCE,
VCCER
EXCVCC
EXCVDD
VCC-
BUS
3.3V or 5V
(Note 2)
Note 1: Power outage is detected by the DC IN (regulator input) voltage.
Note 2: These pins are used to detect a RAM backup signal.
Note 3: This pin outputs "H" when the power is on and outputs "L" when the power is down.
Regulator
(Note 3)
Input
Output
(Note 1)
Backup battery
Power supply monitor IC
19.2 Example of RAM Backup when Power is Off
Figure 19.2.1 Typical Circuit for RAM Backup at Power Outage
VREF0
SBI#
AD0INi
M32R/ECU
(Note 2)
C
Backup battery
VCC
VDD
VBB
VREF
Reference voltage for
power outage detection
Power outage
detection signal
Backup power supply
for power outage
Output
Power supply monitor IC
Note 1: Power outage is detected by the DC IN (regulator input) voltage.
Note 2: These pins are used to detect a RAM backup signal.
Note 3: This pin outputs "H" when the power is on and outputs "L" when the power is off.
DC IN Input
Regulator
(5V or 3.3V)
VDDE
AVCC0
OUT
VCCE,
VCCER
EXCVCC
EXCVDD
VCC-
BUS
(Note 3)
(Note 1)
19.2 Example of RAM Backup when Power is Off
A typical circuit for RAM backup at power outage is shown in Figure 19.2.1. The following explains how the
RAM can be backed up by using this circuit as an example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com