Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 877 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 877 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 873Page - Renesas Technology Corp 32186 Datasheet HTML 874Page - Renesas Technology Corp 32186 Datasheet HTML 875Page - Renesas Technology Corp 32186 Datasheet HTML 876Page - Renesas Technology Corp 32186 Datasheet HTML 877Page - Renesas Technology Corp 32186 Datasheet HTML 878Page - Renesas Technology Corp 32186 Datasheet HTML 879Page - Renesas Technology Corp 32186 Datasheet HTML 880Page - Renesas Technology Corp 32186 Datasheet HTML 881Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 877 / 1032 page
background image
RAM BACKUP MODE
19
19-5
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Port X
IB
DC IN
Output
Output
VREF0
SBI#
AD0INi
M32R/ECU
VDDE
AVCC0
VCCE,
VCCER
EXCVCC
EXCVDD
VCC-
BUS
(5V or 3.3V)
(5V or 3.3V)
RAM backup signal
External circuit
(Note 1)
(Note 3)
RAM backup power supply
Regulator
Input
Regulator
(Note 2)
Note 1: This circuit outputs "L" during RAM backup.
Note 2: This port outputs "H" when the power is on, and is set for input mode when in RAM backup mode.
Note 3: These pins are used to detect a RAM backup signal.
Figure 19.3.1 Typical RAM Backup Circuit for Saving Power Consumption
19.3 Example of RAM Backup for Saving Power Consumption
A typical RAM backup circuit for saving the microcomputer’s power consumption is shown in Figure 19.3.1.
The following explains how the RAM is backed up for the purpose of low-power operation by using this circuit
as an example.
19.3 Example of RAM Backup for Saving Power Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com