Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 892 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 892 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 888Page - Renesas Technology Corp 32186 Datasheet HTML 889Page - Renesas Technology Corp 32186 Datasheet HTML 890Page - Renesas Technology Corp 32186 Datasheet HTML 891Page - Renesas Technology Corp 32186 Datasheet HTML 892Page - Renesas Technology Corp 32186 Datasheet HTML 893Page - Renesas Technology Corp 32186 Datasheet HTML 894Page - Renesas Technology Corp 32186 Datasheet HTML 895Page - Renesas Technology Corp 32186 Datasheet HTML 896Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 892 / 1032 page
background image
20
OSCILLATOR CIRCUIT
20-10
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
P15 Peripheral Function Select Register (P15SMOD)
<Address: H’0080 076F>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
P150SMD
0: TIN0
R
W
Port P150 peripheral function select bit
1: CLKOUT/WR# (Note 1)
9, 10
No function assigned. Fix to "0."
00
11
P153SMD
0: TIN3
R
W
Port P153 peripheral function select bit (Note 2)
1: WAIT#
12–15
No function assigned. Fix to "0."
00
Note 1: Which function of the pin is used depends on how the Bus Mode Control Register is set.
Note 2: During single-chip mode, selecting the external bus interface signal function is prohibited.
Note: • The value of this register can only be modified when the corresponding P15 operation mode register bit = 0 (set for port). Then
set the corresponging P15 operation mode register bit to "1."
P15 Operation Mode Register (P15MOD)
<Address: H’0080 074F>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
P150MD
0: P150
R
W
Port P150 operation mode bit
1: TIN0/CLKOUT/WR# (Note 1)
9, 10
No function assigned. Fix to "0."
00
11
P153MD
0: P153
R
W
Port P153 operation mode bit
1: TIN3/WAIT# (Note 2)
12–15
No function assigned. Fix to "0."
00
Note 1: Which function of the pin is used depends on how the P15 Peripheral Function Select Register and Bus Mode Control
Register are set.
Note 2: Which function of the pin is used depends on how the P15 Peripheral Function Select Register is set.
b8
9
10
11121314
b15
P150MD
P153MD
000
0000
0
20.1 Oscillator Circuit
b8
9
10
11121314
b15
P150SMD
P153SMD
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com