| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 896 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 896 Page - Renesas Technology Corp |
|
896 / 1032 page ![]() JTAG 21 21-2 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 21.1 Outline of JTAG 21.1 Outline of JTAG The M32R/ECU contains a JTAG (Joint Test Action Group) interface compliant with IEEE Standard Test Access Port and Boundary-Scan Architecture (IEEE Std. 1149.1a-1993). This JTAG interface can be used as an input/output path for boundary-scan test (boundary-scan path). For details about IEEE 1149.1 JTAG test access ports, see IEEE Std. 1149.1a-1993 documentation. Note: • The JTAG interface in the M32R/ECU is used to connect a JTAG emulator during debugging as well. In this chapter, the JTAG interface is explained assuming its use as an input/output path for boundary-scan test. Functions of the JTAG interface-related pins mounted on the M32R/ECU are shown below. Table 21.1.1 JTAG Pin Functions Type Pin Name Signal Name I/O Function TAP JTCK Test clock Input Clock input to the test circuit. (Note 1) JTDI Test data Input Input Synchronous serial data input pin used to supply the test instruction code and test data. This input is sampled on the rising edge of JTCK. JTDO Test data Output Output Synchronous serial data output pin used to output the test instruction code and test data. This signal changes state on the falling edge of JTCK, and is output in only the Shift-IR or Shift-DR state. Otherwise, it goes to a high-impedance state. JTMS Test mode select Input Test mode select input to control the test circuit’s state transition. This input is sampled on the rising edge of JTCK. JTRST Test reset Input Active "L" test reset input to initialize the test circuit asynchronously. To ensure that the test circuit is reset without fail, JTMS input signal must be held "H" while this signal changes state from "L" to "H." Note 1: TAP stands for Test Access Port (JTAG interface specified in IEEE 1149.1). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |