Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 894 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 894 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 890Page - Renesas Technology Corp 32186 Datasheet HTML 891Page - Renesas Technology Corp 32186 Datasheet HTML 892Page - Renesas Technology Corp 32186 Datasheet HTML 893Page - Renesas Technology Corp 32186 Datasheet HTML 894Page - Renesas Technology Corp 32186 Datasheet HTML 895Page - Renesas Technology Corp 32186 Datasheet HTML 896Page - Renesas Technology Corp 32186 Datasheet HTML 897Page - Renesas Technology Corp 32186 Datasheet HTML 898Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 894 / 1032 page
background image
20
OSCILLATOR CIRCUIT
20-12
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
20.2 Clock Generator Circuit
20.2 Clock Generator Circuit
Supply independent clocks to the CPU and the internal peripheral circuit.
XIN pin
(10MHz)
BCLK (peripheral clock)
(20MHz)
CPUCLK (CPU clock)
(80MHz)
X8
1/4
PLL
1/2
CLKO
SEL
CLKOUT (external bus clock)
(20MHz or 10MHz)
Figure 20.2.1 Conceptual Diagram of Clock Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com