| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 900 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 900 Page - Renesas Technology Corp |
|
900 / 1032 page ![]() JTAG 21 21-6 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 21.4 Basic Operation of JTAG 21.4.1 Outline of JTAG Operation The instruction and data registers basically are accessed in conjunction with the following three opera- tions, which are performed based on the TAP Controller’s state transition. The TAP Controller changes state according to JTMS input, and generates control signals required for operation in each state. • Capture operation The result of boundary-scan test or the fixed data defined for each register is sampled. As a register operation, data input is latched into the shift register stage. • Shift operation The register is accessed from outside through the boundary-scan path. The sample value is output to the outside at the same time data is set from the outside. As a register operation, the bits are shifted right between each shift register stage. • Update operation The data set from the outside during shifting is driven. As a register operation, the value set in the shift register stage is transferred to the parallel output stage. The JTAG interface undergoes transition of the internal state depending on JTMS input and on such state transition, it performs the following two operations. In either case, the operation basically is performed in order of Capture → Shift → Update. • IR path sequence Instruction code is set in the instruction register to select the data register to be operated on in the subsequent DR path sequence. • DR path sequence Data inspection or setting is performed for the selected data register. 21.4 Basic Operation of JTAG |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |