| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 903 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 903 Page - Renesas Technology Corp |
|
903 / 1032 page ![]() JTAG 21 21-9 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 21.4.3 DR Path Sequence Data inspection or setting is performed for the data register selected in the IR path sequence prior to the DR path sequence. The DR path sequence is performed following the procedure described below. (1) From the Run-Test/Idle state, apply JTMS = "H" for a period of 1 JTCK cycle to enter the Select-DR- Scan state. Which data register will be selected at this time depends on the instruction that was set during the IR path sequence performed prior to the DR path sequence. (2) Apply JTMS = "L" to enter the Capture-DR state. At this time, the result of boundary-scan test or the fixed data defined for each register is set in the data register’s shift register stage. (3) Proceed and apply JTMS = "L" to enter the Shift-DR state. In the Shift-DR state, the DR value is shifted right one bit every cycle, and the data that was set in (2) is serially output from the JTDO pin. At the same time, setup data is set in the data register’s shift register stage bit by bit as it is serially fed from the JTDI pin. By continuing the Shift-IR state as long as the number of bits that comprise the selected data register (by applying JTMS = "L"), all bits of data can be set in and read out from the shift register stage. To stop the shift operation in the middle of the execution, enter the Pause-DR state via the Exit1-DR state (by setting JTMS input from "H" to "L"). To return from the Pause-DR state, enter the Shift-DR state via the Exit2-DR state (by setting JTMS input from "H" to "L"). (4) Apply JTMS = "H" to move from the Shift-DR state to the Exit1-DR state. This completes the shift operation. (5) Proceed and apply JTMS = "H" to enter the Update-DR state. In the Update-DR state, the data that was set in the data register’s shift register stage is transferred to the parallel output stage, and the setup data is thereby made ready for use. (6) Proceed and apply JTMS = "H" to enter the Select-DR-Scan state or JTMS = "L" to enter the Run-Test/Idle state. 21.4 Basic Operation of JTAG Figure 21.4.4 DR Path Sequence JTCK Don't Care Don't Care LSB value MSB value JTMS TAP states JTDI JTDO High impedance High impedance Note: • Because all bits in the data register's shift register stage also are shifted right, data is output from JTDO beginning with the LSB. Similarly, data is supplied to JTDI beginning with the LSB. Finished storing setup data in the selected data register's shift register stage. Setup data is set in the parallel output stage at fall of JTCK in the Update-DR state. JTDI input is sampled at rise of JTCK in the Shift-DR state. JTDO is output at fall of JTCK in the Shift-DR state. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |