| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 905 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 905 Page - Renesas Technology Corp |
|
905 / 1032 page ![]() JTAG 21 21-11 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 21.5 Boundary Scan Description Language The Boundary Scan Description Language (abbreviated BSDL) is described in the supplements to the Standard Test Access Port and Boundary-Scan Architecture of IEEE 1149.1-1990 and IEEE 1149.1a- 1993. BSDL is a subset of IEEE 1076-1993 Standard VHSIC Hardware Description Language (VHDL). BSDL allows to precisely describe the functions of conforming components to be tested. For package connection test, this language is used by Automated Test Pattern Generation tools, and for synthesized test logic and verification, this language is used by Electronic Design Automation tools. BSDL provides powerful extended functions usable in internal test generation and necessary to write hardware debug and diagnostics software. The primary section of BSDL has statements of logical port description, physical pin map, instruction set and boundary register description. • Logical port description The logical port description assigns meaningful symbol names to each pin on the chip. The logic type of each pin, whether input, output, input/output, buffer or link, that defines the logical direction of signal flow is determined here. • Physical pin map The physical pin map correlates the chip’s logical ports to the physical pins on each package. By using separate names for each map, it is possible to define two or more physical pin maps in one BSDL description. • Instruction set statement The instruction set statement writes bit patterns to be shifted in into the chip’s instruction register. This bit pattern is necessary to place the chip into each test mode defined in standards. Instructions exclu- sive to the chip can also be written. • Boundary register description The boundary register description is a list of boundary register cells or shift stages. Each cell is as- signed a separate number. The cell with number 0 is located nearest to the test data output (JTDO) pin, and the cell with the largest number is located nearest to the test data input (JTDI) pin. Cells also contain related other information which includes cell type, logical port corresponding to the cell, logi- cal function of the cell, safety value, control cell number, disable value and result value. Note: • About Boundary Scan Description Language (BSDL) can be downloaded from Renesas Technology website after mass production. 21.5 Boundary Scan Description Language |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |