Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 907 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 907 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 903Page - Renesas Technology Corp 32186 Datasheet HTML 904Page - Renesas Technology Corp 32186 Datasheet HTML 905Page - Renesas Technology Corp 32186 Datasheet HTML 906Page - Renesas Technology Corp 32186 Datasheet HTML 907Page - Renesas Technology Corp 32186 Datasheet HTML 908Page - Renesas Technology Corp 32186 Datasheet HTML 909Page - Renesas Technology Corp 32186 Datasheet HTML 910Page - Renesas Technology Corp 32186 Datasheet HTML 911Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 907 / 1032 page
background image
JTAG
21
21-13
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
21.7 Processing Pins when Not Using JTAG
M32R/ECU
JTDI
JTMS
JTCK
JTRST
User board
JTDO
VCCE(5V)
0–100K
Ω
0–100K
Ω
0–100K
Ω
0–100K
Ω
0–100K
Ω
Note: • Only if the JTRST pin is firmly tied to ground, the JTDO, JTDI, JTMS and JTCLK pins can be
processed by either pullup or pulldown.
21.7 Processing Pins when Not Using JTAG
The following shows how the pins on the chip should be processed when not using JTAG tools.
Figure 21.7.1 Processing Pins when Not Using JTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com