Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 911 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 911 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 907Page - Renesas Technology Corp 32186 Datasheet HTML 908Page - Renesas Technology Corp 32186 Datasheet HTML 909Page - Renesas Technology Corp 32186 Datasheet HTML 910Page - Renesas Technology Corp 32186 Datasheet HTML 911Page - Renesas Technology Corp 32186 Datasheet HTML 912Page - Renesas Technology Corp 32186 Datasheet HTML 913Page - Renesas Technology Corp 32186 Datasheet HTML 914Page - Renesas Technology Corp 32186 Datasheet HTML 915Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 911 / 1032 page
background image
22
POWER SUPPLY CIRCUIT
22-3
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
22.2 Power-On Sequence
22.2 Power-On Sequence
22.2.1 Power-On Sequence when Not Using RAM Backup
The diagram below shows a turn-on sequence of the power supply (5.0 V or 3.3 V) when not using RAM backup.
Note 1: After turning on all power supplies and holding the RESET# pin "L" for an oscillation stabilization time, release the
RESET# pin back "H" (to exit the reset state).
Notes: • Power-on limitation
VDDE>=VCCER
In addtion, when VDDE is more than 3.0V, it is not problem even if it cannot fulfill a restrictions (VDDE>=VCCER).
• However, if it cannot fulfill a restrictions (VDDE>=VCCER) when Power-On, sufficient evaluation must be made
during system design in order to ensure that no power will be applied to the microcomputer with a potential difference
of 1 V or more.
For potential differences 0 V to 0.6 V, there is almost no in-flow current. The amount of in-flow current begins to
increase when the potential difference exceeds 0.6 V.
(Note 1)
0V
0V
0V
0V
VCCE, VCCER,
VCC-BUS, VDDE
AVCC0
VREF0
RESET#
Figure 22.2.1 Power-On Sequence when Not Using RAM Backup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com