Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 910 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 910 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 906Page - Renesas Technology Corp 32186 Datasheet HTML 907Page - Renesas Technology Corp 32186 Datasheet HTML 908Page - Renesas Technology Corp 32186 Datasheet HTML 909Page - Renesas Technology Corp 32186 Datasheet HTML 910Page - Renesas Technology Corp 32186 Datasheet HTML 911Page - Renesas Technology Corp 32186 Datasheet HTML 912Page - Renesas Technology Corp 32186 Datasheet HTML 913Page - Renesas Technology Corp 32186 Datasheet HTML 914Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 910 / 1032 page
background image
22
POWER SUPPLY CIRCUIT
22-2
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
22.1 Configuration of Power Supply Circuit
The 32185/32186 operates with a single 5 V ± 0.5 V or 3.3 V ± 0.3 V power supply.
Unless otherwise noted, 5 V ± 0.5 V and 3.3 V ± 0.3 V in this chapter are referred to simply by 5 V and 3.3 V,
respectively.
Table 22.1.1 Power Supply Functions
Power Supply Type
Pin Name
Function
5.0V or 3.3V
VCCE
Main power supply
AVCC0
Power supply for the A/D converter
VREF0
Reference voltage for the A/D converter
VDDE
Power supply for the internal RAM backup
VCC-BUS
Power supply for the external bus
EXCVCC
External capacitor connection pin
EXCVDD
External capacitor connection pin
VCCER
Power supply for the internal voltage generator circuit
Figure 22.1.1 Configuration of the Power Supply Circuit (VCCE = 5.0 V or 3.3 V)
22.1 Configuration of Power Supply Circuit
I/O Control Circuit
CPU
Peripheral Circuit
Internal Flash
Memory
A/D Converter
Circuit
Internal RAM
Internal Voltage Generator Circuit
Main VDC
Backup Voltage
Generator Circuit
Sub-VDC
Oscillator Circuit
External Bus
PLL
EXCVCC
EXCVDD
VDDE
VCCE
AVCC0
VCC-BUS
control
signal
VCCER
(65pin)
(Note 1)
(Note 1)
Note 1: Do not apply power voltage to the EXCVDD and EXCVCC pins. And External Capacitance
for Power Supplyis refer to Chapter 23 ELECTRICAL CHARACTERISTICS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com