| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 902 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 902 Page - Renesas Technology Corp |
|
902 / 1032 page ![]() JTAG 21 21-8 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 JTCK Don't Care Don't Care Instruction code (6 bits) 1 0 0 0 1 1 LSB value MSB value JTMS TAP states JTDI JTDO High impedance High impedance Shift output from the instruction register is fixed to b'110001. Finished storing instruction code in the instruction register's shift register stage. Instruction code is set in the parallel output stage at fall of JTCK in the Update-IR state. JTDI input is sampled at rise of JTCK in the Shift-IR state. JTDO is output at fall of JTCK in the Shift-IR state. Figure 21.4.3 IR Path Sequence 21.4 Basic Operation of JTAG 21.4.2 IR Path Sequence Instruction code is set in the Instruction Register (JTAGIR) to select the data register to be accessed in the subsequent DR path sequence. The IR path sequence is performed following the procedure described below. (1) From the Run-Test/Idle state, apply JTMS = "H" for a period of 2 JTCK cycles to enter the Select-IR- Scan state. (2) Apply JTMS = "L" to enter the Capture-IR state. At this time, b’110001 (fixed value) is set in the Instruction Register’s shift register stage. (3) Proceed and apply JTMS = "L" to enter the Shift-IR state. In the Shift-IR state, the value of the shift register stage is shifted right one bit every cycle, and the data b’110001 (fixed value) that was set in (2) is serially output from the JTDO pin. At the same time, instruction code is set in the shift register stage bit by bit as it is serially fed from the JTDI pin. Because the instruction code is set in the Instruction Register that consists of 6 bits, the Shift-IR state must be continued for a period of 6 JTCK cycles. To stop the shift operation in the middle of the execution, enter the Pause-IR state via the Exit1-IR state (by setting JTMS input from "H" to "L"). To return from the Pause-IR state, enter the Shift-IR state via the Exit2-IR state (by setting JTMS input from "H" to "L"). (4) Apply JTMS = "H" to move from the Shift-IR state to the Exit1-IR state. This completes the shift operation. (5) Proceed and apply JTMS = "H" to enter the Update-IR state. In the Update-IR state, the instruction code that was set in the Instruction Register’s shift register stage is transferred to the Instruction Register’s parallel output stage, and decoding of JTAG instruction is thereby started. (6) Proceed and apply JTMS = "H" to enter the Select-DR-Scan state or JTMS = "L" to enter the Run- Test/Idle state. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |