Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 944 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 944 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 940Page - Renesas Technology Corp 32186 Datasheet HTML 941Page - Renesas Technology Corp 32186 Datasheet HTML 942Page - Renesas Technology Corp 32186 Datasheet HTML 943Page - Renesas Technology Corp 32186 Datasheet HTML 944Page - Renesas Technology Corp 32186 Datasheet HTML 945Page - Renesas Technology Corp 32186 Datasheet HTML 946Page - Renesas Technology Corp 32186 Datasheet HTML 947Page - Renesas Technology Corp 32186 Datasheet HTML 948Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 944 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-28
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
CLKOUT
[16] tc(CLKOUT)
Data output
(DB0–DB15)
Address
(A9–A30)
CS0#, CS1#,
CS2#, CS3#
BLW#
BHW#
0.43VCC-BUS
0.16VCC-BUS
0.43VCC-BUS
[17] tw(CLKOUTH)
[18] tw(CLKOUTL)
[24] tv(CLKOUTH-RDL)
0.16VCC-BUS
[23] td(CLKOUTL-RDL)
0.16VCC-BUS
[32] th(CLKOUTH-D)
[31] tsu(D-CLKOUTH)
[90] tv(CLKOUTH-BLWL)
tv(CLKOUTH-BHWL)
[28] tv(CLKOUTH-D)
[30] tpxz(CLKOUTH-DZ)
[29] tpzx(CLKOUTL-DZ)
[27] td(CLKOUTL-D)
[25] td(CLKOUTL-BLWL)
td(CLKOUTL-BHWL)
0.16VCC-BUS
0.43VCC-BUS
0.16VCC-BUS
0.43VCC-BUS
0.16VCC-BUS
RD#
Data input
(DB0–DB15)
[20] td(CLKOUTH-CS)
[19] td(CLKOUTH-A)
[22] tv(CLKOUTH-CS)
[21] tv(CLKOUTH-A)
Note: • When using the threshold switching function, the data input WAIT# voltage levels are
determined with respect to the rated minimum and maximum values for VIH and VIL.
23.9 A.C. Characteristics (when VCCE = 5 V)
Figure 23.9.11 Read and Write Timing (Relative to CLKOUT) with Zero Wait State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com