Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 947 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 947 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 943Page - Renesas Technology Corp 32186 Datasheet HTML 944Page - Renesas Technology Corp 32186 Datasheet HTML 945Page - Renesas Technology Corp 32186 Datasheet HTML 946Page - Renesas Technology Corp 32186 Datasheet HTML 947Page - Renesas Technology Corp 32186 Datasheet HTML 948Page - Renesas Technology Corp 32186 Datasheet HTML 949Page - Renesas Technology Corp 32186 Datasheet HTML 950Page - Renesas Technology Corp 32186 Datasheet HTML 951Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 947 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-31
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 23.9.13 Write Timing (Relative to Write Pulse)
BLW#
BHW#
0.43VCC-BUS
0.16VCC-BUS
0.43VCC-BUS
0.16VCC-BUS
0.43VCC-BUS
0.16VCC-BUS
0.16VCC-BUS
0.16VCC-BUS
0.43VCC-BUS
RD#
[56] td(RDH-BLWL)
td(RDH-BHWL)
[51] tw(BLWL)
tw(BHWL)
[57] td(BLWH-RDL)
td(BHWH-RDL)
0.43VCC-BUS
[47] td(A-BLWL)
td(A-BHWL)
[49] tv(BLWH-A)
tv(BHWH-A)
[50] tv(BLWH-CS)
tv(BHWH-CS)
[95] td(CSL-BLWL)
td(CSL-BHWL)
[48] td(CS-BLWL)
td(CS-BHWL)
[50] tv(BLWH-CS)
tv(BHWH-CS)
[52] td(BLWL-D)
td(BHWL-D)
[53] tv(BLWH-D)
tv(BHWH-D)
[54] tpxz(BLWH-DZ)
tpxz(BHWH-DZ)
[126] tpzx(BLWL-DZ)
tpzx(BHWL-DZ)
tsu(WAITL-BHWL)
tsu(WAITH-BLWL)
tsu(WAITL-BLWL)
[134] tw(WAITL)
[133] tw(WAITH)
0.16VCC-BUS
WAIT#
[135] tsu(WAITH-BHWL)
Address
(A9–A30)
CS#
(Access area)
CS#
(Non-access area)
Data output
(DB0–DB15)
23.9 A.C. Characteristics (when VCCE = 5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com