Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 948 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 948 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 944Page - Renesas Technology Corp 32186 Datasheet HTML 945Page - Renesas Technology Corp 32186 Datasheet HTML 946Page - Renesas Technology Corp 32186 Datasheet HTML 947Page - Renesas Technology Corp 32186 Datasheet HTML 948Page - Renesas Technology Corp 32186 Datasheet HTML 949Page - Renesas Technology Corp 32186 Datasheet HTML 950Page - Renesas Technology Corp 32186 Datasheet HTML 951Page - Renesas Technology Corp 32186 Datasheet HTML 952Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 948 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-32
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(12) Read and write timing (3/4)
Symbol
Parameter
Rated Value
Unit
See Figs.
MIN
MAX
23.9.14
tsu(D-RDH)
Data Input Setup Time before Read
30
ns
[44]
th(RDH-D)
Data Input Hold Time after Read
0
ns
[45]
td(A-RDL)
Address Delay Time before Read
(1+C+S)-15
ns
[39]
td(CS-RDL)
Chip Select Delay Time before Read
(1+S)-15
ns
[40]
tv(RDH-A)
Address Valid Time after Read
tc(CLKOUT)(R+ID)
ns
[41]
tv(RDH-CS)
Chip Select Valid Time after Read
tc(CLKOUT)×R
ns
[42]
tw(RDL)
Read "L" Pulse Width
(1+2W-C-S)-20
ns
[43]
tpzx(RDH-DZ) Data Output Enable Time after Read
tc(CLKOUT)(
+R+ID)
ns
[46]
td(RDH-WRL) Write Dalay time after Read
tc(CLKOUT)(
+R+ID)-10
ns
[80]
(byte enable mode)
td(WRH-RDL) Read Dalay time after Write
During 0 wait:
(byte enable mode)
-20
During 1 wait:
tc(CLKOUT)(1+R+
) -20
ns
[81]
td(CSL-RDL) Chip select Dalay time before Read
(1+S)-16
ns
[93]
td(BLEL-RDL) Byte Enable Delay Time before Read
×(1+S)-20
ns
[136]
td(BHEL-RDL) (byte enable mode)
tv(RDH-BLEL) Byte Enable Valid Time after Read
tc(CLKOUT)
×R-5
ns
[137]
tv(RDH-BHEL) (byte enable mode)
23.9 A.C. Characteristics (when VCCE = 5 V)
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
C+S
2
1
2
1+C+S
2
tc(CLKOUT)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com