Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 953 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 953 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 949Page - Renesas Technology Corp 32186 Datasheet HTML 950Page - Renesas Technology Corp 32186 Datasheet HTML 951Page - Renesas Technology Corp 32186 Datasheet HTML 952Page - Renesas Technology Corp 32186 Datasheet HTML 953Page - Renesas Technology Corp 32186 Datasheet HTML 954Page - Renesas Technology Corp 32186 Datasheet HTML 955Page - Renesas Technology Corp 32186 Datasheet HTML 956Page - Renesas Technology Corp 32186 Datasheet HTML 957Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 953 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-37
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
23.9 A.C. Characteristics (when VCCE = 5 V)
Figure 23.9.17 JTAG Interface Timing
JTCK
0.5VCCE
[60] tc(JTCK)
[67] tw(JTRST)
Data input
(JTDI)
JTMS
Data output
(JTDO)
JTRST
0.8VCCE
0.2VCCE
0.8VCCE
0.2VCCE
0.8VCCE
0.2VCCE
0.2VCCE
0.2VCCE
0.8VCCE
0.2VCCE
[61] tw(JTCKH)
[62] tw(JTCKL)
[63] tsu(JTDI-JTCK) [64] th(JTCK-JTDI)
[65] td(JTCK-JTDO)
0.8VCCE
0.2VCCE
[129] tv(JTCK-JTDO)
[66] tpxz(JTCK-JTDOZ)
[128] tpzx(JTCK-JTDOZ)
0.8VCCE
0.2VCCE
(15) JTAG interface timing
Symbol
Parameter
Measurement
Rated Value
Unit
See Fig.
condition
MIN
MAX
23.9.17
tc(JTCK)
JTCK Input Cycle Time
100
ns
[60]
tw(JTCKH)
JTCK Input "H" Pulse Width
40
ns
[61]
tw(JTCKL)
JTCK Input "L" Pulse Width
40
ns
[62]
tsu(JTDI-JTCK)
JTDI, JTMS Input Setup Time
15
ns
[63]
th(JTCK-JTDI)
JTDI, JTMS Input Hold Time
20
ns
[64]
tw(JTRST)
JTRST Input "L" Pulse Width
tc(JTCK)
ns
[67]
td(JTCK-JTDO)
JTDO Output Delay Time after JTCK
CL=80pF
40
ns
[65]
tpzx(JTCK-JTDOZ) JTDO Output Enable Time after JTCK
CL=80pF
5
ns
[128]
tpxz(JTCK-JTDOZ) JTDO Output Disable Time after JTCK
CL=80pF
40
ns
[66]
tv(JTCK-JTDO)
TDO Output Valid Time after JTCK
CL=80pF
5
ns
[129]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com