Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 955 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 955 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 951Page - Renesas Technology Corp 32186 Datasheet HTML 952Page - Renesas Technology Corp 32186 Datasheet HTML 953Page - Renesas Technology Corp 32186 Datasheet HTML 954Page - Renesas Technology Corp 32186 Datasheet HTML 955Page - Renesas Technology Corp 32186 Datasheet HTML 956Page - Renesas Technology Corp 32186 Datasheet HTML 957Page - Renesas Technology Corp 32186 Datasheet HTML 958Page - Renesas Technology Corp 32186 Datasheet HTML 959Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 955 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-39
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
23.9 A.C. Characteristics (when VCCE = 5 V)
(17) NBD timing
Symbol
Parameter
Measurement
Rated Value
Unit
See Fig.
Condition
MIN
MAX
23.9.19
tc(NBDCLK)
NBDCLK Input Cycle Time
80
ns
[103]
tw(NBDCLKL)
NBDCLK Input "L" Pulse Width
35
ns
[104]
tsu(NBDD-NBDCLKH)
NBDD Input Setup Time
20
ns
[107]
before NBDCLK
th(NBDCLKH-NBDD)
NBDD Input Hold Time
5
ns
[108]
after NBDCLK
tsu(NBDSYNCL-NBDCLKH)
NBDSYNC# Input Setup Time
20
ns
[109]
before NBDCLK
th(NBDCLKH-NBDSYNCL)
NBDSYNC# Input Hold Time
CL=100pF
5
ns
[110]
after NBDCLK
td(NBDCLKH-NBDD)
NBDD Output Delay Time
CL=100pF
7
tc(NBDCLK)-20
ns
[105]
after NBDCLK
tpzx(NBDCLKH-NBDDZ)
NBDD Output Enable Time
CL=100pF
5
ns
[130]
after NBDCLK
tv(NBDCLKH-NBDD)
NBDD Output Valid Time
CL=100pF
5
ns
[106]
after NBDCLK
tpxz(NBDCLKH-NBDDZ)
NBDD Output Disable Time
CL=100pF
60
ns
[131]
after NBDCLK
tw(NBDEVNTL)
NBDEVNT# Output
CL=100pF
30
ns
[111]
"L" Pulse Width
Figure 23.9.19 NBD Timing
[103] tc(NBDCLK)
[104] tw(NBDCLKL)
[106] tv(NBDCLKH-NBDD)
[110] th(NBDCLKH-NBDSYNCL)
[111] tw(NBDEVNTL)
[109] tsu(NBDSYNCL-NBDCLKH)
[107] tsu(NBDD-NBDCLKH)
[105] td(NBDCLKH-NBDD)
0.8VCCE
0.2VCCE
[108] th(NBDCLKH-NBDD)
0.8VCCE
0.2VCCE
0.2VCCE
0.2VCCE
0.2VCCE
0.2VCCE
0.2VCCE
0.2VCCE
0.8VCCE
0.2VCCE
0.8VCCE
0.2VCCE
0.8VCCE
0.2VCCE
0.8VCCE
[130] tpzx(NBDCLKH-NBDDZ)
[131] tpxz(NBDCLKH-NBDDZ)
NBDCLK
(input)
NBDD0-3
(output)
NBDSYNC#
(input)
NBDEVNT#
(output)
NBDD0-3
(input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com