Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 959 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 959 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 955Page - Renesas Technology Corp 32186 Datasheet HTML 956Page - Renesas Technology Corp 32186 Datasheet HTML 957Page - Renesas Technology Corp 32186 Datasheet HTML 958Page - Renesas Technology Corp 32186 Datasheet HTML 959Page - Renesas Technology Corp 32186 Datasheet HTML 960Page - Renesas Technology Corp 32186 Datasheet HTML 961Page - Renesas Technology Corp 32186 Datasheet HTML 962Page - Renesas Technology Corp 32186 Datasheet HTML 963Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 959 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-43
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
23.10 A.C. Characteristics (when VCCE = 3.3 V)
Figure 23.10.2 Input/Output Transition Time
Input pin
(Relative to VCC-BUS)
[115] tr(INPUT)
[116] tf(INPUT)
0.43VCC-BUS
0.16VCC-BUS
0.43VCC-BUS
0.16VCC-BUS
Input pin
(Relative to VCCE)
[115] tr(INPUT)
[116] tf(INPUT)
0.8VCCE
0.2VCCE
0.8VCCE
0.2VCCE
Figure 23.10.3 Clock and Reset Timing
XIN (Input)
(When using
oscillation circuit)
0.5VCC-BUS
RESET# (Input)
0.2VCCE
0.2VCCE
[119] tc(XIN)
[124] tw(RESET)
XIN (Input)
(When using external
clock input except for
oscillation circuit)
(Note 1)
0.8VCC-BUS
[120] tw(XINH) [121] tw(XINL)
0.8VCC-BUS
0.2VCC-BUS
[122] tr(XINH)
[123] tr(XINL)
0.5VCC-BUS
0.2VCC-BUS
0.2VCC-BUS
Note 1: Make XOUT pin open and set parasitic capacity as 10pF or less.
The XDRV bit of clock control register (CLKCR) should be choosen B'11 (maximum).
(3) Clock and Reset Timing
Symbol
Parameter
Rated Value
Unit
See Fig
MIN
MAX
23.10.3
tc(XIN)
Clock Input Cycle Time
100
133.3
ns
[119]
tw(XINH)
External Clock Input "H" Pulse Width
40
ns
[120]
tw(XINL)
External Clock Input "L" Pulse Width
40
ns
[121]
tr(XINH)
External Clock Input Hign-going Time
5
ns
[122]
tr(XINL)
External Clock Input Low-going Time
5
ns
[123]
tw(RESET)
Reset Input "L" Pulse Width
300
ns
[124]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com