Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 958 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 958 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 954Page - Renesas Technology Corp 32186 Datasheet HTML 955Page - Renesas Technology Corp 32186 Datasheet HTML 956Page - Renesas Technology Corp 32186 Datasheet HTML 957Page - Renesas Technology Corp 32186 Datasheet HTML 958Page - Renesas Technology Corp 32186 Datasheet HTML 959Page - Renesas Technology Corp 32186 Datasheet HTML 960Page - Renesas Technology Corp 32186 Datasheet HTML 961Page - Renesas Technology Corp 32186 Datasheet HTML 962Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 958 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-42
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 23.10.1 Output Switching Characteristics Measurement Circuit
Measured pin
CMOS output
CL : JTDO pin = 80pF
: NBDD0
−NBDD3 (output), NBDEVNT# = 100pF
: Other than those above = 15
−50pF
23.10 A.C. Characteristics (when VCCE = 3.3 V)
23.10 A.C. Characteristics (when VCCE = 3.3 V)
• The timing conditions are referenced to VCCE, VCCER, VCC-BUS, VDDE = 3.3 V ± 0.3 V, Ta = –40°C to
125°C unless otherwise noted.
• The rated values below are guaranteed for the case where the output load capacitance of the measured pins
are 15 pF to 50 pF (guaranteed value during centralizedcapacitance for JTAG related values is 80 pF and for
NBD related is 100 pF).
• The terms W, C, S, R and ID in the rated values shown below have the following meaning. For details
about CS
Area Wait Control Regiser, see Section 18.2.1, "CS Area Wait Control Registers."
W: Number of wait states (selected by the CS Area Wait Control Register WAIT bit)
C: "1" when the CS Area Wait Control Register CWAIT bit = 1, or "0" when CWAIT bit = 0
S: "1" when the CS Area Wait Control Register SWAIT bit = 1, or "0" when SWAIT bit = 0
R: "1" when the CS Area Wait Control Register RECOV bit = 1, or "0" when RECOV bit = 0
ID: Number of idle cycles inserted at the end of the bus cycle. Idle cycles may be inserted as specified
by the CS Area Wait Control Register IDLE bit, or inserted by default when a write operation is
executed immediately after a read (ID = 0 or 1).
• Characteristics of synchronous timing to the external bus clock are values only relative to CLKOUT (none
relative to BCLK).
• The CLKOUT/WR# functions are assigned to two separate pins, P70/CLKOUT/WR#/BCLK pins (Pin
No.78) and P150/TIN0/CLKOUT/WR# pins (Pin No.133). Unless otherwise noted, characteristics for
CLKOUT pin/WR# pin are values of Pin No.133.
• The output drive capability is a value under the following conditions. For output drive capability setting,
see Section 8.5, "Port Output Drive Capability Setting Function."
• CLKOUT pin/WR# pin (Pin No.133): high drive power selected
• The rest of the output pins: low drive power (the value upon exiting reset) selected
(1) Output Switching Characteristics Measurement Circuit
(2) Input and Output Transition Time
Symbol
Parameter
Rated Value
Unit
See Fig
MIN
MAX
23.10.2
tr
High-going
NBDCLK, NBDD0-NBDD3 pins (input),
8ns
[115]
(INPUT)
TransitionTime of
NBDSYNC# pin
Input
JTCK, JTDI, JTMS
10
ns
JTRST pin
2
ms
tf
Low-ging
NBDCLK, NBDD0-NBDD3 pins (input),
8ns
[116]
(INPUT)
Transition Time of
NBDSYNC# pin
Input
JTCK, JTDI, JTMS
10
ns
JTRST pin
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com