Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 962 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 962 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 958Page - Renesas Technology Corp 32186 Datasheet HTML 959Page - Renesas Technology Corp 32186 Datasheet HTML 960Page - Renesas Technology Corp 32186 Datasheet HTML 961Page - Renesas Technology Corp 32186 Datasheet HTML 962Page - Renesas Technology Corp 32186 Datasheet HTML 963Page - Renesas Technology Corp 32186 Datasheet HTML 964Page - Renesas Technology Corp 32186 Datasheet HTML 965Page - Renesas Technology Corp 32186 Datasheet HTML 966Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 962 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-46
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
23.10 A.C. Characteristics (when VCCE = 3.3 V)
(6) SBI
SBI#
[13] tw(SBIL)
0.2VCCE
0.2VCCE
Figure 23.10.6 SBI Timing
Figure 23.10.7 TIN Timing
TIN
0.8VCCE
0.2VCCE
0.8VCCE
0.2VCCE
[14] tw(TIN)
(7) TIN
Symbol
Parameter
Rated Value
Unit
See Fig.
MIN
MAX
23.10.6
Timing
tw(SBIL)
SBI# Input Pulse Width
5 ×
ns
[13]
requirements
tc(BCLK)
2
Symbol
Parameter
Rated Value
Unit
See Fig.
MIN
MAX
23.10.7
Timing
tw(TIN) TIN Input Pulse Width
When BCLK/4 is selected (Note 1) 7 × tc(BCLK)
ns
[14]
requirements
When BCLK/4 is not selected (Note 1)
7×
ns
tc(BCLK)
2
Note 1: TIN24, 25, PWMOFF0 are selected in TOU0 control register 1(TOU0CR1) PRS3CKS bit, TIN26, 27, PWMOFF1 are
selected in TOU1 control register 1(TOU1CR1)PRS4CKS bit, other TIN are selected in common count clock select
register(CNTCKSEL)PRS012CKS bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com