Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 990 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 990 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 986Page - Renesas Technology Corp 32186 Datasheet HTML 987Page - Renesas Technology Corp 32186 Datasheet HTML 988Page - Renesas Technology Corp 32186 Datasheet HTML 989Page - Renesas Technology Corp 32186 Datasheet HTML 990Page - Renesas Technology Corp 32186 Datasheet HTML 991Page - Renesas Technology Corp 32186 Datasheet HTML 992Page - Renesas Technology Corp 32186 Datasheet HTML 993Page - Renesas Technology Corp 32186 Datasheet HTML 994Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 990 / 1032 page
background image
Appendix 3
PROCESSING OF UNUSED PINS
Appendix 3-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 3.1 Example Processing of Unused Pins
(3) When operating in processor mode
Table 3.1.3 Example Processing of Unused Pins during Processor Mode (Note 1)
Pin Name
P61–P63, P70–P77, P82–P87,
P93–P97, P100–P107, P110–P117,
P126, P127, P130–P137, P174, P175
Processing
XOUT (Note 4)
AD0IN0–AD0IN15, AVREF0, AVSS0
Leave open
Connect to VCCE
AVCC0
JTAG
JTDO, JTMS, JTDI, JTCK
JTRST
Pull high to VCCE or low to VSS via a 0-100 k
Ω resistor
Pull low to VSS via a 0-100 k
Ω resistor
Connect to VSS
A/D converter
A9–A30, DB0–DB15,
BLW#/BLE#, BHW#/BHE#, RD#, CS0#, CS1#
Leave open
SBI# (Note 3)
Pull low to VSS via a 1 k
Ω-10 kΩ resistor
Input/output ports (Note 2)
Set the port for input mode and pull each pin low to VSS or
pull high to VCCE via a 1 k
Ω-10 kΩ resistor.
Or set the port for output mode and leave the pin open.
P150, P153, P220, P221
Set the port for input mode and pull each pin low to VSS or
pull high to VCC-BUS via a 1 k
Ω-10 kΩ resistor.
Or set the port for output mode and leave the pin open
Note 1: Process the unused pins in the shortest wiring length possible (within 20 mm) from the microcomputer pins.
Note 2: If any port is set for output mode and left open, care should be taken because the port remains set for input
before it is changed for output in a program after being reset. Therefore, the voltage level at the pin is instable,
and the power supply current tends to increase while the port remains set for input. Because it is possible that
the content of the port direction register will inadvertently be altered by noise or noise-induced runaway,
higher reliability may be obtained by periodically setting the port direction register back again in a program.
Note, however, that P221 is input-only port and does not work as an output port.
Note 3: Make sure that unintended falling edges due to noise, etc. will be not applied. (A falling edge at the SBI# input
causes a system break interrupt to occur.)
Note 4: This is necessary when an external clock is connected to XIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com