Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 994 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 994 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 990Page - Renesas Technology Corp 32186 Datasheet HTML 991Page - Renesas Technology Corp 32186 Datasheet HTML 992Page - Renesas Technology Corp 32186 Datasheet HTML 993Page - Renesas Technology Corp 32186 Datasheet HTML 994Page - Renesas Technology Corp 32186 Datasheet HTML 995Page - Renesas Technology Corp 32186 Datasheet HTML 996Page - Renesas Technology Corp 32186 Datasheet HTML 997Page - Renesas Technology Corp 32186 Datasheet HTML 998Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 994 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.5 Notes on Internal Flash Memory
Appendix 4.5 Notes on Internal Flash Memory
The following describes precautions to be taken when programming/erasing the internal flash memory.
• When the internal flash memory is programmed or erased, a high voltage is generated internally. Because mode
transitions during programming/erase operation may cause the chip to break down, make sure the mode setting/
reset pin and power supply voltages do not fluctuate to prevent unintended changes of modes.
• If the system uses any pins that are to be used by a general-purpose programming/erase tool, care must be taken
to prevent adverse effects on the system when the tool is connected.
• If the internal flash memory needs to be protected while using a general-purpose programming/erase tool, set any
ID in the flash memory protect ID verification area (H’0000 0084 to H’0000 008F).
• If the internal flash memory does not need to be protected while using a general-purpose programming/erase tool,
fill the entire flash memory protect ID verification area (H’0000 0084 to H’0000 008F) with H’FF.
• If the Flash Status Register (FSTAT)’s each error status is to be cleared (initialized to H’80) by resetting the Flash
Control Register 4 (FCNT4) FRESET bit, check to see that the Flash Status Register (FSTAT) FBUSY bit = "1"
(ready) before clearing the error status.
• Before resetting the Flash Control Register 1 (FCNT1) FENTRY bit from "1" to "0," check to see that the Flash
Status Register (FSTAT) FBUSY bit = "1" (ready).
• Do not clear the FENTRY bit if the Flash Control Register 1 (FCNT1) FENTRY bit = "1" and the Flash Status
Register (FSTAT) FBUSY bit = "0" (being programmed or erased).
• When programming/erasing via JTAG, the flash memory can be programmed or erased regardless of the pin state
because the FP pin is controlled internally within the chip.
Appendix 4.6 Things to Be Considered upon Exiting Reset
• Input/output ports
When exiting reset, the microcomputer’s input/output ports are disabled against input in order to prevent shoot-
through current. To use any ports in input mode, set the Port Input Special Function Control Register (PICNT)
PIEN0 bit to enable them for input. For details, see Section 8.3, “Input/Output Port Related Registers.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com