Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 995 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 995 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 991Page - Renesas Technology Corp 32186 Datasheet HTML 992Page - Renesas Technology Corp 32186 Datasheet HTML 993Page - Renesas Technology Corp 32186 Datasheet HTML 994Page - Renesas Technology Corp 32186 Datasheet HTML 995Page - Renesas Technology Corp 32186 Datasheet HTML 996Page - Renesas Technology Corp 32186 Datasheet HTML 997Page - Renesas Technology Corp 32186 Datasheet HTML 998Page - Renesas Technology Corp 32186 Datasheet HTML 999Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 995 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-5
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.7 Notes on Input/Output Ports
Appendix 4.7 Notes on Input/Output Ports
• When using input/output ports in output mode
Because the value of the Port Data Register is undefined when exiting the reset state, the Port Data Register must
have its initial value set in it before the Port Direction Register can be set for output. Conversely, if the Port
Direction Register is set for output before setting data in the Port Data Register, the Port Data Register outputs an
undefined value until any data is written into it.
• When using input/output ports in intput mode
After switching from output mode to input mode in the Port Direction Register, or after setting port input enable
(PIEN0) bit to "1" (input enable), pin level can be read after 2BCLK period.
• About the port input disable function
Because the input/output ports are disabled against input upon exiting reset, they must be enabled for input by
setting the Port Input Enable (PIEN0) bit to "1" before their input functions can be used.
When disabled against input, the input/output ports are in a state equivalent to a situation where the pin has a "L"
level input applied. Consequently, if a peripheral input function (uncontrolled pin) is selected for any port while
disabled against input by using the Port Operation Mode Register, the port may operate unexpectedly due to the
"L" level input on it.
• About the port peripheral function select register setting
The Port Peripheral Function Select Register can only be set when the corresponding bit of the Port Operation
Mode Register is "0."
• About the pereipheral function input when it is set to the gereral-purpose port
In the pin for both peripheral function input and general-purpose port, "H" level is entered to the peripheral function
input when it is set to the general-purpose port in the operation mode register. Therefore, when "L" level is entered
to the peripheral function input pin, edge signal is entered to the peripheral function input at manipulating operation
mode register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com