Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 996 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 996 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 992Page - Renesas Technology Corp 32186 Datasheet HTML 993Page - Renesas Technology Corp 32186 Datasheet HTML 994Page - Renesas Technology Corp 32186 Datasheet HTML 995Page - Renesas Technology Corp 32186 Datasheet HTML 996Page - Renesas Technology Corp 32186 Datasheet HTML 997Page - Renesas Technology Corp 32186 Datasheet HTML 998Page - Renesas Technology Corp 32186 Datasheet HTML 999Page - Renesas Technology Corp 32186 Datasheet HTML 1000Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 996 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-6
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.8 Notes on DMAC
Appendix 4.8 Notes on DMAC
• About writing to the DMAC related registers
Because DMA transfer involves exchanging data via the internal bus, the DMAC related registers basically can
only be accessed for write upon exiting the reset state or when transfer is disabled (transfer enable bit = "0").
When transfer is enabled, do not write to the DMAC related registers, except the DMA transfer enable bit, the
transfer request flag, DMA interrupt related register and the DMA Transfer Count Register that is protected in
hardware. This is a precaution necessary to ensure stable DMA operation.
The table below lists the registers that can or cannot be accessed for write.
Appendix Table 4.8.1 DMAC Related Registers That Can or Cannot Be Accessed for Write
Status
Transfer enable bit
Transfer request flag
DMA interrupt related register Other DMAC related registers
Transfer enabled
Can be accessed
Can be accessed
Can be accessed
Cannot be accessed
Transfer disabled Can be accessed
Can be accessed
Can be accessed
Can be accessed
Even for registers that can exceptionally be written to while transfer is enabled, the following conditions must be
observed:
(1) DMA Channel Control Register 0 transfer enable bit and transfer request flag
For all bits other than transfer enable bit and transfer request flag in this register, be sure to write the same data
that those bits had before the write. Note, however, that only writing "0" is effective for the transfer request flag.
(2) DMA Transfer Count Register
When transfer is enabled, this register is protected in hardware, so that any data rewritten to it is ignored.
(3) Rewriting the DMA source and DMA destination addresses on different channels by DMA transfer
Although this operation means accessing the DMAC related registers while DMA is enabled, there is no
problem. Note, however, that no data can be transferred by DMA to the DMAC related registers on the currently
active channel itself.
• Manipulating the DMAC related registers by DMA transfer
When manipulating the DMAC related registers by means of DMA transfer (e.g., reloading the DMAC related
registers with the initial values by DMA transfer), do not write to the DMAC related registers on the currently active
channel through that channel. (If this precaution is neglected, device operation cannot be guaranteed.)
It is only the DMAC related registers on other channels that can be rewritten by means of DMA transfer. (For
example, the DMAn Source Address and DMAn Destination Address Registers on channel 1 can be rewritten by
DMA transfer through channel 0.)
• About the DMA Interrupt Request Status Register
When clearing the DMA Interrupt Request Status Register, be sure to write "1" to all bits, except those to be cleared.
Writing "1" to any bits in this register has no effect, so that they retain the data they had before the write.
• About the stable operation of DMA transfer
To ensure the stable operation of DMA transfer, never rewrite the DMAC related registers, except transfer enable
bits of the DMA channel control register 0, unless transfer is disabled. One exception is that even when transfer is
enabled, the DMA Source Address and DMA Destination Address Registers can be rewritten by DMA transfer
from one channel to another.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com