Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 997 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 997 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 993Page - Renesas Technology Corp 32186 Datasheet HTML 994Page - Renesas Technology Corp 32186 Datasheet HTML 995Page - Renesas Technology Corp 32186 Datasheet HTML 996Page - Renesas Technology Corp 32186 Datasheet HTML 997Page - Renesas Technology Corp 32186 Datasheet HTML 998Page - Renesas Technology Corp 32186 Datasheet HTML 999Page - Renesas Technology Corp 32186 Datasheet HTML 1000Page - Renesas Technology Corp 32186 Datasheet HTML 1001Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 997 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-7
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.9 Notes on Multijunction Timers
Appendix 4.9 Notes on Multijunction Timers
Appendix 4.9.1 Notes on using TOP single-shot output mode
The following describes precautions to be observed when using TOP single-shot output mode.
• If the counter stops due to an underflow in the same clock period as the timer is enabled by external input, the
former has priority so that the counter stops.
• If the counter stops due to an underflow in the same clock period as count is enabled by writing to the enable
bit, the latter has priority so that count is enabled.
• If the timer is enabled by external input in the same clock period as count is disabled by writing to the enable
bit, the latter has priority so that count is disabled.
• Because the timer operates synchronously with the count clock, a count clock-dependent delay is included
before F/F output is inverted after the timer is enabled.
• When writing to the correction register, be careful not to cause the counter to overflow. Even if the counter
overflows due to correction of counts, no interrupt requests are generated for reasons of an overflow. There-
fore, if the counter underflows in the subsequent down-count after an overflow, a false interrupt request is
generated for an underflow that includes the overflowed count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com