Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 999 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 999 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 995Page - Renesas Technology Corp 32186 Datasheet HTML 996Page - Renesas Technology Corp 32186 Datasheet HTML 997Page - Renesas Technology Corp 32186 Datasheet HTML 998Page - Renesas Technology Corp 32186 Datasheet HTML 999Page - Renesas Technology Corp 32186 Datasheet HTML 1000Page - Renesas Technology Corp 32186 Datasheet HTML 1001Page - Renesas Technology Corp 32186 Datasheet HTML 1002Page - Renesas Technology Corp 32186 Datasheet HTML 1003Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 999 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-9
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.9 Notes on Multijunction Timers
Appendix 4.9.2 Notes on using TOP delayed single-shot output mode
The following describes precautions to be observed when using TOP delayed single-shot output mode.
• If the counter stops due to an underflow in the same clock period as the timer is enabled by external input, the
former has priority so that the counter stops.
• If the counter stops due to an underflow in the same clock period as count is enabled by writing to the enable
bit, the latter has priority so that count is enabled.
• If the timer is enabled by external input in the same clock period as count is disabled by writing to the enable
bit, the latter has priority so that count is disabled.
• Even if the counter overflows due to correction of counts, no interrupt requests are generated for reasons of an
overflow. Therefore, if the counter underflows in the subsequent down-count after an overflow, a false interrupt
request is generated for an underflow that includes the overflowed count.
• If the counter is accessed for read at the cycle of underflow, the counter value is read as H’FFFF but changes
to "reload register value -1" at the next count clock timing after underflow.
Appendix Figure 4.9.2 Counter Value Immediately after Underflow
Count clock
Enable bit
"H"
H'0001
H'0000
H'FFFF
H'AAA9
H'AAA8
Counter value
H'AAAA
Reload register
underflow
H'(AAAA-1)
H'(AAAA-2)
What is seen during underflow cycle is always H'FFFF,
and not the reload register value (in this case, H'AAAA).
Count down from the
reload register value
Reload cycle
The value that "reload register - 1" is reloaded
by count clock next underflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com