| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 1002 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 1002 Page - Renesas Technology Corp |
|
1002 / 1032 page ![]() SUMMARY OF PRECAUTIONS Appendix 4 Appendix 4-12 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 Appendix 4.9 Notes on Multijunction Timers Appendix 4.9.10 Notes on using TML measure input The following describes precautions to be observed when using TML measure input. • If measure event input and write to the counter occur in the same clock period, the write value is set in the counter, whereas the up-count value (before being rewritten) is latched into the measure register. • If clock bus 1 is selected and any clock other than BCLK/2 or BCLK/4 (Note 1) is used for the timer, by divided by internal prescaler PRS1, the value captured into the measure register is one count larger the counter value. During the count clock to BCLK/2 or BCLK/4 (Note 1) period interval, however, the captured value is exactly the counter value. The diagram below shows the relationship between counter operation and the valid data that can be captured. Note 1: To select BCLK/2 or BCLK/4, use the PRS012CKS (prescaler 0-2, TML0,1 supplied clock select) bit. For details, refer to Section 10.2.2, “Common Count Clock Select Function.” Counter B AC D E F A BC D E • When BCLK/2 or BCLK/4 is selected (Note 1) BCLK/2 or BCLK/4 (Note 1) BCLK/2 or BCLK/4 (Note 1) Captured Counter B AC • When clock bus 1 is selected Count clock Captured BC D F Note 1: To select BCLK/2 or BCLK/4, use the PRS012CKS (prescaler 0-2, TML0,1 supplied clock select) bit. For details, refer to Section 10.2.2, "Common Count Clock Select Function." Appendix Figure 4.9.3 Mistimed Counter Value and the Captured Value |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |