Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 1003 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 1003 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 999Page - Renesas Technology Corp 32186 Datasheet HTML 1000Page - Renesas Technology Corp 32186 Datasheet HTML 1001Page - Renesas Technology Corp 32186 Datasheet HTML 1002Page - Renesas Technology Corp 32186 Datasheet HTML 1003Page - Renesas Technology Corp 32186 Datasheet HTML 1004Page - Renesas Technology Corp 32186 Datasheet HTML 1005Page - Renesas Technology Corp 32186 Datasheet HTML 1006Page - Renesas Technology Corp 32186 Datasheet HTML 1007Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1003 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-13
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.9 Notes on Multijunction Timers
Appendix 4.9.11 Notes on using TOU PWM output mode
The following describes precautions to be observed when using TOU PWM output mode.
• If the timer is enabled by external input in the same clock period as count is disabled by writing to the enable
bit, the latter has priority so that count is disabled.
• If the counter is accessed for read to the cycle of underflow, the counter value is read out as H'FFFF but
changes to “reload register value -1” at the next count clock timing.
• Because the timer operates synchronously with the count clock, a count clock-dependent delay is included
before F/F output is inverted after the timer is enabled.
Because a 0% or 100% duty-cycle needs to be determined when reloading the counter, there is a one count
clock equivalent delay before F/F is inverted and an interrupt or DMA transfer request is generated. However,
startup requests to other timers are not delayed. For details, see Section 10.8.19, “0% or 100% Duty-Cycle
Wave Output during PWM Output and Single-shot PWM Output Modes.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com