| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 993 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 993 Page - Renesas Technology Corp |
|
993 / 1032 page ![]() SUMMARY OF PRECAUTIONS Appendix 4 Appendix 4-3 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 Appendix 4.2 Notes on Address Space • Virtual flash emulation function The microcomputer has the function to map 8-Kbyte memory blocks of the internal RAM (maximum for 32185 is 4 blocks, for 32186 is 8 blocks) into areas (L banks) of the internal flash memory that are divided in 8-Kbyte units. This functions is referred to as the Virtual Flash Emulation Function. This function allows the data located in 8-Kbyte blocks of the internal RAM to be changed with the contents of internal flash memory at the addresses specified by the Virtual Flash L Bank Register. That way, the relevant RAM data can read out by reading the content of internal flash memory. For details about this function, see Section 6.7, "Virtual Flash Emulation Function." • Dummy access area Address H'0080 0600 to H'0080 0603 are dummy areas. When there is access to these areas, writing value is disabled and reading value is undefinited. In addition, it does not effect on the other SFR area by writing and reading out operation to dummy access area. Appendix 4.3 Notes on EIT The Address Exception (AE) requires caution because if one of the instructions that use “register indirect + register update” addressing mode (following three) generates an address exception when it is executed, the values of the registers to be automatically updated (Rsrc and Rsrc2) become undefined. Except that the values of Rsrc and Rsrc2 become undefined, these instructions behave the same way as when used in other addressing modes. • Applicable instructions LD Rdest, @Rsrc+ ST Rsrc1, @-Rsrc2 ST Rsrc1, @+Rsrc2 If the above case applies, consider the fact that the register values become undefined when you design the processing to be performed after executing said instructions. (If an address exception occurs, it means that the system has some fatal fault already existing in it. Therefore, address exceptions must be used on condition that control will not be returned from the address exception handler to the program that was being executed when the exception occurred.) Appendix 4.4 Notes on Internal RAM Precautions about the Internal Memory is shown below. • The writes from DRI,RTD to internal RAM uncompete with access from other bus masters (CPU, DMA, NBD, SDI), because of using dedicated bus not M32R-FPU. But in case DRI,RTD transfers and access from other bus masters for area in 16-Kbyte of internal RAM occur at same time, access competition occurs. When access competition occurs, arbitration is performed according to the following priority. NBD/SDI > DMA > CPU > DRI > RTD • When started by boot mode, internal RAM value is indefinite after started by boot mode in order to "Flash writing/erasing program" is transferred to internal RAM. Appendix 4.2 Notes on Address Space |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |