Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 1009 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 1009 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 1005Page - Renesas Technology Corp 32186 Datasheet HTML 1006Page - Renesas Technology Corp 32186 Datasheet HTML 1007Page - Renesas Technology Corp 32186 Datasheet HTML 1008Page - Renesas Technology Corp 32186 Datasheet HTML 1009Page - Renesas Technology Corp 32186 Datasheet HTML 1010Page - Renesas Technology Corp 32186 Datasheet HTML 1011Page - Renesas Technology Corp 32186 Datasheet HTML 1012Page - Renesas Technology Corp 32186 Datasheet HTML 1013Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1009 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-19
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.9 Notes on Multijunction Timers
Appendix Figure 4.9.7 Typical Operation in PWM Output Mode (Reload 1 Register: H’FFFF)
Enabled
(by writing to the enable bit
or by external input)
Count clock
Enable bit
Underflow
Superficial
underflow
H'FFFF
H'0000
H'E000
H'E000
H'(E000-1)
H'(FFFF-1)
H'(FFFF-1)
H'(E000-1)
H'FFFF
Reload 0 register
Reload 1 register
Interrupt request
due to underflow
F/F output
Data not inverted
Data inverted by enable
Data not inverted
Counter
Undefined
value
DMA transfer request
Timing at which startup requests to other timers are generated
H'(E000-1)
(Note 3)
Note 1: The value that "reload 0 register - 1" is reloaded.
Note 2: The value that "reload 1 register - 1" is reloaded.
Note 3: Because reload 1 redister is H'FFFF, pseudo underflow occurs
and the value that "reload 0 register - 1" is reloaded.
Notes: • This diagram does not show detailed timing information.
• This diagram is shown with respect to the one-count-clock delayed out.
(Note 2)
(Note 1)
(Note 3)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com