Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 1011 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 1011 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 1007Page - Renesas Technology Corp 32186 Datasheet HTML 1008Page - Renesas Technology Corp 32186 Datasheet HTML 1009Page - Renesas Technology Corp 32186 Datasheet HTML 1010Page - Renesas Technology Corp 32186 Datasheet HTML 1011Page - Renesas Technology Corp 32186 Datasheet HTML 1012Page - Renesas Technology Corp 32186 Datasheet HTML 1013Page - Renesas Technology Corp 32186 Datasheet HTML 1014Page - Renesas Technology Corp 32186 Datasheet HTML 1015Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1011 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-21
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix Figure 4.9.9 Typical Operation in Single-shot PWM Output Mode (Reload 1 Register: H’FFFF)
Count clock
Enable bit
H'FFFF
H'0000
H'E000
H'E000
H'FFFF
Reload 0 register
Reload 1 register
Interrupt request
due to underflow
F/F output
Data not inverted
Counter
Enabled
(by writing to the enable bit
or by external input)
Underflow
Superficial
underflow
Undefined
value
DMA transfer request
Timing at which startup requests to other timers are generated
Note 1: The value that "reload 0 register - 1" is reloaded.
Note 2: The value that "reload 1 register - 1" is reloaded.
Note 3: Because reload 0 redister is H'FFFF, pseudo underflow occurs.
Notes: • This diagram does not show detailed timing information.
• This diagram is shown with respect to the one-count-clock delayed out.
H'(FFFF-1)
(Note 2)
H'(E000-1)
(Note 1)
(Note 3)
Appendix 4.9 Notes on Multijunction Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com