Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 1015 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 1015 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 1011Page - Renesas Technology Corp 32186 Datasheet HTML 1012Page - Renesas Technology Corp 32186 Datasheet HTML 1013Page - Renesas Technology Corp 32186 Datasheet HTML 1014Page - Renesas Technology Corp 32186 Datasheet HTML 1015Page - Renesas Technology Corp 32186 Datasheet HTML 1016Page - Renesas Technology Corp 32186 Datasheet HTML 1017Page - Renesas Technology Corp 32186 Datasheet HTML 1018Page - Renesas Technology Corp 32186 Datasheet HTML 1019Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1015 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-25
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.11 Notes on Serial Interface
Appendix 4.11 Notes on Serial Interface
Appendix 4.11.1 Notes on Using CSIO Mode
• Settings of SIO Transmit/Receive Mode Register and SIO Baud Rate Register
The SIO Transmit/Receive Mode Register, SIO Special Mode Register and SIOn Baud Rate Register and the
Transmit Control Register’s BRG count source select bit must always be set when the serial interface is not
operating. If a transmit or receive operation is in progress, wait until the transmit and receive operations are
finished and then clear the transmit and receive enable bits before making changes.
• Settings of SIOn Baud Rate Register
Use caution when setting SIOn Baud Rate Register so that the transfer rate will not exceed f(BCLK)/8.
• About successive transmission
To transmit data successively, make sure the next transmit data is set in the SIO Transmit Buffer Register
before the current data transmission finishes.
• About reception
Because the receive shift clock in CSIO mode is derived by an operation of the transmit circuit, transmit
operation must always be executed (by sending dummy data) even when the serial interface is used for only
receiving data. In this case, be aware that if the port function is set for the TXD pin (by setting the operation
mode register to "1"), dummy data may actually be output from the pin.
• About successive reception
To receive data successively, make sure that data (dummy data) is set in the SIO Transmit Buffer Register
before a transmit operation on the transmitter side starts.
• Transmission/reception using DMA
To transmit/receive data in DMA request mode, enable the DMAC to accept transfer requests (by setting the
DMA Mode Register) before serial communication starts.
• About reception finished bit
If a receive error (overrun error) occurs, the reception finished bit can only be cleared by clearing the receive
enable bit, and cannot be cleared by reading out the receive buffer register.
• About overrun error
If all bits of the next received data have been set in the SIO Receive Shift Register before reading out the SIO
Receive Buffer Register (i.e., an overrun error occurred), the received data is not stored in the receive buffer
register, with the previous received data retained in it. Although a receive operation continues thereafter, the
subsequent received data is not stored in the receive buffer register (receive status bit = "1").
Before normal receive operation can be restarted, the receive enable bit must be temporarily cleared to "0." And
this is the only way that the overrun error flag can be cleared.
• About DMA transfer request generation during SIO transmission
If the transmit buffer register becomes empty (transmit buffer empty flag = "1") while the transmit enable bit
remains set to "1" (transmission enabled), an SIO transmit buffer empty DMA transfer request is generated.
• About DMA transfer request generation during SIO reception
If the reception finished bit is set to "1" (receive buffer register full), a reception finished DMA transfer request
is generated. Be aware, however, that if an overrun error occurred during reception, this DMA transfer request
is not generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com