Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 1016 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 1016 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 1012Page - Renesas Technology Corp 32186 Datasheet HTML 1013Page - Renesas Technology Corp 32186 Datasheet HTML 1014Page - Renesas Technology Corp 32186 Datasheet HTML 1015Page - Renesas Technology Corp 32186 Datasheet HTML 1016Page - Renesas Technology Corp 32186 Datasheet HTML 1017Page - Renesas Technology Corp 32186 Datasheet HTML 1018Page - Renesas Technology Corp 32186 Datasheet HTML 1019Page - Renesas Technology Corp 32186 Datasheet HTML 1020Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1016 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-26
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.11 Notes on Serial Interface
• Switching from general-purpose to serial interface pin
When switching general-purpose to serial interface pin, SCLKOn pin outputs "H" level (For the case of select-
ing internal clock and setting CKPOL bit to "0." When setting CKPOL bit to "1," it outputs "L" level.), and TXDn
pin outputs undefined value. However, when switching general-purpose to serial interface pin with setting TEN
bit of the SIOn transmit control register to "1" (transmit enable), TXDn pin outputs the last bit level of the
previously output serial data.
Appendix 4.11.2 Notes on Using UART Mode
• Settings of SIO Transmit/Receive Mode Register and SIO Baud Rate Register
The SIO Transmit/Receive Mode Register, SIO Special Mode Register and SIOn Baud Rate Register and
the Transmit Control Register’s BRG count source select bit must always be set when the serial interface
is not operating. If a transmit or receive operation is in progress, wait until the transmit and receive
operations are finished and then clear the transmit and receive enable bits before making changes.
• Settings of SIOn Baud Rate Register
Writes to the SIOn Baud Rate Register take effect in the next cycle after the BRG counter has finished
counting. However, if the register is accessed for write while transmission and reception are disabled, the
written value takes effect at the same time it is written.
• Transmission/reception using DMA
To transmit/receive data in DMA request mode, enable the DMAC to accept transfer requests (by setting
the DMA Mode Register) before serial communication starts.
• About overrun error
If all bits of the next received data have been set in the SIO Receive Shift Register before reading out the
SIO Receive Buffer Register (i.e., an overrun error occurred), the received data is not stored in the receive
buffer register, with the previous received data retained in it. Once an overrun error occurs, although a
receive operation continues, the subsequent received data is not stored in the receive buffer register.
Before normal receive operation can be restarted, the receive enable bit must be temporarily cleared. And
this is the only way that the overrun error flag can be cleared.
• Flags showing the status of UART receive operation
There are following flags that indicate the status of receive operation during UART mode:
• SIO Receive Control Register receive status bit
• SIO Receive Control Register reception finished bit
• SIO Receive Control Register receive error sum bit
• SIO Receive Control Register overrun error bit
• SIO Receive Control Register parity error bit
• SIO Receive Control Register framing error bit
The manner in which the reception finished bit and various error flags are cleared differs depending on
whether an overrun error occurred, as described below.
[When an overrun error did not occur]
Cleared by reading out the lower byte of the receive buffer register or by clearing the receive enable bit.
[When an overrun error occurred]
Cleared by only clearing the receive enable bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com