| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 1014 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 1014 Page - Renesas Technology Corp |
|
1014 / 1032 page ![]() SUMMARY OF PRECAUTIONS Appendix 4 Appendix 4-24 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 Appendix 4.10 Notes on A/D Converter Appendix Table 4.10.1 Sampling Time (in Which C2 Needs to Be Charged) Conversion start method Conversion speed Sampling time Sampling time for the for the first bit 2nd and subsequent bits 2BCLK mode Single mode Slow mode Normal speed 55BCLK 27BCLK (when sample-and-hold Double speed 31BCLK 15BCLK disabled or normal Fast mode Normal speed 23BCLK 11BCLK sample-and-hod enabled Double speed 15BCLK 7BCLK Single mode Slow mode Normal speed 55BCLK – (when fast sample- Double speed 31BCLK – and-hold enabled) Fast mode Normal speed 23BCLK – Double speed 15BCLK – Comparator mode Slow mode Normal speed 55BCLK – Double speed 31BCLK – Fast mode Normal speed 23BCLK – Double speed 15BCLK – Simultaneous Slow mode Normal speed 55BCLK – sampling Double speed 31BCLK – Fast mode Normal speed 23BCLK – Double speed 15BCLK – Therefore, the time in which C2 needs to be charged is found from Eq. B-1, as follows: Sampling time (in which C2 needs to be charged) > Cin × R1 + C2(R1 + R2) ----Eq. B-2 Thus, the maximum value of R1 can be obtained as a criterion from the equation below. Note, however, that for single mode (when sample-and-hold is disabled), the sampling time for the second and subsequent bits (C2 charging time) must be applied. C2 charging time - C2 × R2 R1 < Cin + C2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |