Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 100Page - Renesas Technology Corp 32186 Datasheet HTML 101Page - Renesas Technology Corp 32186 Datasheet HTML 102Page - Renesas Technology Corp 32186 Datasheet HTML 103Page - Renesas Technology Corp 32186 Datasheet HTML 104Page - Renesas Technology Corp 32186 Datasheet HTML 105Page - Renesas Technology Corp 32186 Datasheet HTML 106Page - Renesas Technology Corp 32186 Datasheet HTML 107Page - Renesas Technology Corp 32186 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1032 page
background image
4
EIT
4-2
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
4.1 Outline of EIT
If some event occurs when the CPU is executing an ordinary program, it may become necessary to suspend
the program being executed and execute another program. Events like this one are referred to by a generic
name as EIT (Exception, Interrupt and Trap).
(1) Exception
This is an event related to the context being executed. It is generated by an error or violation during instruc-
tion execution. This type of event includes Address Exception (AE), Reserved Instruction Exception (RIE)
and Floating-Point Exception (FPE).
(2) Interrupt
This is an event generated irrespective of the context being executed. It is generated by a hardware-derived
signal from an external source, as well as by the internal peripheral I/O. This type of event includes Reset
Interrupt (RI), System Break Interrupt (SBI) and External Interrupt (EI).
(3) Trap
This refers to a software interrupt generated by executing a TRAP instruction. This type of event is intention-
ally generated in a program as in the OS’s system call by the programmer.
4.1 Outline of EIT
EIT
Exception (Exception)
Reserved Instruction Exception (RIE)
Address Exception (AE)
Floating-Point Exception (FPE)
Reset Interrupt (RI)
System Break Interrupt (SBI)
External Interrupt (EI)
Trap (TRAP)
Interrupt (Interrupt)
Trap (Trap)
Figure 4.1.1 Classification of EITs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com