Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 102Page - Renesas Technology Corp 32186 Datasheet HTML 103Page - Renesas Technology Corp 32186 Datasheet HTML 104Page - Renesas Technology Corp 32186 Datasheet HTML 105Page - Renesas Technology Corp 32186 Datasheet HTML 106Page - Renesas Technology Corp 32186 Datasheet HTML 107Page - Renesas Technology Corp 32186 Datasheet HTML 108Page - Renesas Technology Corp 32186 Datasheet HTML 109Page - Renesas Technology Corp 32186 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 1032 page
background image
4
EIT
4-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Note 1: When the zero division exception enable (EZ) bit (FPSR register bit 19) = "0"
Note 2: When the zero division exception enable (EZ) bit (FPSR register bit 19) = "1"
Please note that the DIV0 EIT processing does not occur in the following conditions.
Table 4.2.5 Cases in Which No DIV0 Occur
4.2 EIT Events
3) Inexact Exception (IXCT)
The exception occurs when the operation result differs from a result led out with an infinite range of
precision. The following table shows the operation results and the respective conditions in which
each IXCT occurs.
Table 4.2.3 Operation Results when an IXCT Occurred
Note 1: When the inexact exception enable (EX) bit (FPSR register bit 17) = "0"
Note 2: When the inexact exception enable (EX) bit (FPSR register bit 17) = "1"
4) Zero Division Exception (DIV0)
The exception occurs when a finite nonzero value is divided by zero. The following table shows the
operation results when a DIV0 is occurs.
Table 4.2.4 Operation Results When a DIV0 Occurred
Occurrence Condition
Operation Result (Content of the Destination Register)
When the IXCT EIT processing is
When the IXCT EIT processing is
masked (Note 1)
executed (Note 2)
Overflow occurs in OVF masked
Reference OVF operation results
No change
condition
Rounding occurs
Rounded value
No change
Dividend
Operation Result (Content of the Destination Register)
When the DIV0 EIT processing is
When the DIV0 EIT processing is
masked (Note 1)
executed (Note 2)
Nonzero finite value
+-Infinity (Sign is derived by
No change
exclusive ORing the signs of the
divisor and dividend.)
Dividend
Behavior
0
An invalid operation exception occurs
Infinity
No exceptions occur (with the result = "Infinity")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com