Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 101Page - Renesas Technology Corp 32186 Datasheet HTML 102Page - Renesas Technology Corp 32186 Datasheet HTML 103Page - Renesas Technology Corp 32186 Datasheet HTML 104Page - Renesas Technology Corp 32186 Datasheet HTML 105Page - Renesas Technology Corp 32186 Datasheet HTML 106Page - Renesas Technology Corp 32186 Datasheet HTML 107Page - Renesas Technology Corp 32186 Datasheet HTML 108Page - Renesas Technology Corp 32186 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 1032 page
background image
4
EIT
4-3
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
4.2 EIT Events
4.2 EIT Events
4.2.1 Exception
(1) Reserved Instruction Exception (RIE)
Reserved Instruction Exception (RIE) occurs when execution of a reserved instruction (unimplemented
instruction) is detected.
(2) Address Exception (AE)
Address Exception (AE) occurs when an attempt is made to access a misaligned address in Load or
Store instructions.
(3) Floating-point Exception (FPE)
Floating-point Exception (FPE) occurs when Unimplemented Exception (UIPL) or one of the five ex-
ceptions specified in the IEEE 754 standard (OVF/UDF/IXCT/DIV0/IVLD) is detected. Each exception
processing is outlined below.
1) Overflow Exception (OVF)
The exception occurs when the absolute value of the operation result exceeds the largest describable
precision in the floating-point format. The following table shows the operation results when an OVF occurs.
Table 4.2.1 Operation Results When an OVF Occurred
Note 1: When the overflow exception enable (EO) bit (FPSR register bit 20) = "0"
Note 2: When the overflow exception enable (EO) bit (FPSR register bit 20) = "1"
Notes: • If an OVF occurs while EIT processing for OVF is masked, an IXCT occurs at the same time.
• +MAX = H’7F7F FFFF, –MAX = H’FF7F FFFF
2) Underflow Exception (UDF)
The exception occurs when the absolute value of the operation result is less than the largest
describable precision in the floating-point format. The following table shows the operation results
when a UDF occurs.
Table 4.2.2 Operation Results when a UDF Occurred
Note 1: When the underflow exception enable (EU) bit (FPSR register bit 18) = "0"
Note 2: When the underflow exception enable (EU) bit (FPSR register bit 18) = "1"
Rounding Mode
Sign of the Result
Operation Result (Content of the Destination Register)
When the OVF EIT processing is
When the OVF EIT processing is
masked (Note 1)
executed (Note 2)
-Infinity
+
+MAX
-
-Infinity
+Infinity
+
+Infinity
-
-MAX
No Change
0
+
+MAX
-
-MAX
Nearest
+
+Infinity
-
-Infinity
Operation Result (Content of the Destination Register)
When UDF EIT processing is masked (Note 1)
When UDF EIT processing is executed (Note 2)
DN = 0 : An unimplemented exception occurs
DN = 0 : An unimplemented exception occurs
No change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com