| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 169 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 169 Page - Renesas Technology Corp |
|
169 / 1032 page ![]() 6 INTERNAL MEMORY 6-27 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 Figure 6.6.2 Procedure for Programming/Erasing the Internal Flash Memory (when the flash write/erase program does not exist in it) (1) When the flash write/erase program does not exist in the internal flash memory In this case, the boot program is used to program or erase the internal flash memory. To transfer the write data, use SIO1 of serial interface in clock-synchronous serial interface or clock-asynchronous serial interface mode. To program or erase the internal flash memory using a flash programmer, follow the procedure described below. SIO1 CPU SIO1 CPU Flash write/ erase program MOD1 = L SIO1 CPU Internal RAM Internal Flash memory FP = L or H Internal RAM Internal RAM <Step 1> • Initial state (Flash write/erase program nonexistent in the internal flash memory) <Step 2> • Set the FP pin "H," MOD0 pin "H" and MOD1 pin "L" to place the flash memory in boot mode + flash E/W enable mode. • Deassert reset signal and start up with the boot program. • Transfer the flash write/erase program into the internal RAM. • Jump to the flash write/erase program in the internal RAM. <Step 3> • Using the flash write/erase program in the RAM, set Flash Control Register 1 (FCNT1) FENTRY bit to 1. • Program or erase the internal flash memory using the flash write/erase program. • When finished, set the MOD0 "L" and jump to the internal flash memory or apply a reset to enter normal mode. M32R/ECU M32R/ECU M32R/ECU External device (e.g., flash programmer) External device (e.g., flash programmer) Internal Flash memory Flash write data Internal Flash memory MOD0 = L Boot program Boot program Boot program MOD1 = L FP = H MOD0 = H MOD1 = L FP = H MOD0 = H RESET# = L RESET# = H RESET# = H Flash write/ erase program Write data Write data Write data External device (e.g., flash programmer) Note 1: When started by boot mode, internal RAM value is indefinite after started by boot mode in order to "Flash writing/ Erase program" is transferd to internal RAM. 6.6 Programming Internal Flash Memory |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |