Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 162Page - Renesas Technology Corp 32186 Datasheet HTML 163Page - Renesas Technology Corp 32186 Datasheet HTML 164Page - Renesas Technology Corp 32186 Datasheet HTML 165Page - Renesas Technology Corp 32186 Datasheet HTML 166Page - Renesas Technology Corp 32186 Datasheet HTML 167Page - Renesas Technology Corp 32186 Datasheet HTML 168Page - Renesas Technology Corp 32186 Datasheet HTML 169Page - Renesas Technology Corp 32186 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 1032 page
background image
6
INTERNAL MEMORY
6-24
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.5.4 Virtual Flash L Bank Registers
Virtual Flash L Bank Register 0 (FELBANK0)
<Address: H’0080 07E8>
Virtual Flash L Bank Register 1 (FELBANK1)
<Address: H’0080 07EA>
Virtual Flash L Bank Register 2 (FELBANK2)
<Address: H’0080 07EC>
Virtual Flash L Bank Register 3 (FELBANK3)
<Address: H’0080 07EE>
Virtual Flash L Bank Register 4 (FELBANK4) (Note 2)
<Address: H’0080 07F0>
Virtual Flash L Bank Register 5 (FELBANK5) (Note 2)
<Address: H’0080 07F2>
Virtual Flash L Bank Register 6 (FELBANK6) (Note 2)
<Address: H’0080 07F4>
Virtual Flash L Bank Register 7 (FELBANK7) (Note 2)
<Address: H’0080 07F6>
<Upon exiting reset: H’0000>
b
Bit Name
Function
R
W
0
MODENL
0: Disable virtual flash emulation function
R
W
Virtual flash emulation L enable bit
1: Enable virtual flash emulation function
1–6
No function assigned. Fix to "0."
00
7–14
LBANKAD
Start address A11–A18 of the relevant L bank
R
W
L bank address bit (Note 1)
15
No function assigned. Fix to "0."
00
Note 1: Because the internal flash memory of the M32186F8 is 1M (1,024K) bytes, the address b7 (A11) must always be set to "0."
Also, because the initial flash memory of the M32185F4 is 512 Kbytes, the address b7 (A11) and b8 (A12) must always be set
to "0."
Note 2: This area exists only in the 32186 and it is use prohibitation area in the 32185.
Note: • These registers must always be accessed in halfwords.
(1) MODENL (Virtual Flash Emulation L Enable) bit (Bit 0)
The MODENL bit can be set to "1" after entering virtual flash emulation mode (by setting the FEMMOD bit to
"1" while the FENTRY bit = "0"). This causes the virtual flash emulation function to be enabled for the L bank
area selected by the LBANKAD bits.
(2) LBANKAD (L Bank Address) bits (Bits 7–14)
The LBANKAD bits are provided for selecting one of the L banks that are separated every 8 Kbytes. Use
these LBANKAD bits to set the eight bits A11–A18 of the 32-bit start address of the desired L bank.
Note: • For details, see Section 6.7, “Virtual Flash Emulation Function.”
6.5 Registers Associated with Internal Flash Memory
b0
12
34
56
78
9
10
11
12
13
14
b15
LBANKAD
00
00
00
00
000
00
00
MOD
ENL
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com