Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 159Page - Renesas Technology Corp 32186 Datasheet HTML 160Page - Renesas Technology Corp 32186 Datasheet HTML 161Page - Renesas Technology Corp 32186 Datasheet HTML 162Page - Renesas Technology Corp 32186 Datasheet HTML 163Page - Renesas Technology Corp 32186 Datasheet HTML 164Page - Renesas Technology Corp 32186 Datasheet HTML 165Page - Renesas Technology Corp 32186 Datasheet HTML 166Page - Renesas Technology Corp 32186 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 1032 page
background image
6
INTERNAL MEMORY
6-21
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 6.5.2 Method to Confirm the Command Acceptance by Checking FCNT3
END
Confirm execution result (Note 3)
START
Write a prebusy check target
command (Note 1)
FBUSY = "1"
TIME OUT ?
YES
NO
Forcibly terminate
YES
NO
FPBSYCK = "0"
YES
Write a busy check target
command (Note 1)
1 µs wait
(by hardware timer or software timer)
(Note 2)
Operation starts
FBSYCK = "0"
YES
Write a clear status
command, H'5050
NO
NO
Note 1: Refer to Table 6.5.2 for prebusy check target command and busy check target command.
Note 2: It is not required during read lock bit status command (during register read command).
Note 3: Confirm by ERASE bit of the FSTAT register, WRERR bit, or FLOCKST bit of the FCNT4 register depending on the
respective commands.
6.5 Registers Associated with Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com