Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 156Page - Renesas Technology Corp 32186 Datasheet HTML 157Page - Renesas Technology Corp 32186 Datasheet HTML 158Page - Renesas Technology Corp 32186 Datasheet HTML 159Page - Renesas Technology Corp 32186 Datasheet HTML 160Page - Renesas Technology Corp 32186 Datasheet HTML 161Page - Renesas Technology Corp 32186 Datasheet HTML 162Page - Renesas Technology Corp 32186 Datasheet HTML 163Page - Renesas Technology Corp 32186 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 1032 page
background image
6
INTERNAL MEMORY
6-18
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.5 Registers Associated with Internal Flash Memory
Flash Control Register 2 (FCNT2)
<Address: H’0080 01E3>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–10
No function assigned. Fix to "0."
00
11
FLOCKS
0: Memory area read mode
R(Note 1)
Lock bit read mode select bit
1: Register read mode
12–14
No function assigned. Fix to "0."
00
15
FPROT
0: Protection by lock bit effective
R(Note 1)
Lock bit protect control bit
1: Protection by lock bit invalidated
Note 1: It can be accessed for write only during the Flash E/W entry mode (FENTRY bit = "1").
(1) FLOCKS (Lock Bit Read Mode Select) bit (Bit 11)
The FLOCKS bit is used to select a method for reading out the lock bit status. When the FLOCKS bit = "0,"
the internal flash memory is placed in memory area read mode, so that it is possible to inspect the lock bit
status by issuing command data H’7171 to any address of the flash memory and then reading the last even
address of the target block. When the FLOCKS bit = "1," the internal flash memory is placed in register read
mode, so that it is possible to inspect the lock bit status by first issuing command data H’7171 and H’D0D0
to any address of the target block in succession and then, when the FBUSY bit is set to "1," by reading the
FLOCKST bit in Flash Control Register 4.
The FLOCKS bit can only be accessed for write when the FENTRY bit = "1."
If one of the following operations is attempted, the FLOCKS bit is cleared to "0."
1) Writing "0" to the FLOCKS bit
2) Entering a "L" level signal to the FP pin
3) Clearing the FENTRY bit to "0"
4) Entering a "L" level signal to the RESET# pin
(2) FPROT (Lock Bit Protect Control) bit (Bit 15)
The FPROT bit controls invalidation of the internal flash memory protection by a lock bit (protection against
programming/erase operation). Protection of the internal flash memory is invalidated by setting the FPROT
bit to "1," so that any blocks protected by a lock bit can now be programmed or erased.
To set the FPROT bit to "1," write "0" and then "1" to the FPROT bit in succession while the FENTRY bit =
"1." To clear the FPROT bit to "0," write "0" to the FPROT bit.
If one of the following operations is attempted, the FPROT bit is cleared to "0."
1) Writing "0" to the FPROT bit
2) Entering a "L" level signal to the FP pin
3) Clearing the FENTRY bit to "0"
4) Entering a "L" level signal to the RESET# pin
b8
9
10
11121314
b15
FLOCKS
FPROT
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com