Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 152Page - Renesas Technology Corp 32186 Datasheet HTML 153Page - Renesas Technology Corp 32186 Datasheet HTML 154Page - Renesas Technology Corp 32186 Datasheet HTML 155Page - Renesas Technology Corp 32186 Datasheet HTML 156Page - Renesas Technology Corp 32186 Datasheet HTML 157Page - Renesas Technology Corp 32186 Datasheet HTML 158Page - Renesas Technology Corp 32186 Datasheet HTML 159Page - Renesas Technology Corp 32186 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 1032 page
background image
6
INTERNAL MEMORY
6-14
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.5 Registers Associated with Internal Flash Memory
6.5 Registers Associated with Internal Flash Memory
A register map associated with the internal flash memory is shown below.
Internal Flash Memory Related Register Map
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 01E0
Flash Mode Register
Flash Status Register
6-15
(FMOD)
(FSTAT)
6-16
H'0080 01E2
Flash Control Register 1
Flash Control Register 2
6-17
(FCNT1)
(FCNT2)
6-18
H'0080 01E4
Flash Control Register 3
Flash Control Register 4
6-19
(FCNT3)
(FCNT4)
6-22
H'0080 07E8
Virtual Flash L Bank Register 0
6-24
(FELBANK0)
H'0080 07EA
Virtual Flash L Bank Register 1
6-24
(FELBANK1)
H'0080 07EC
Virtual Flash L Bank Register 2
6-24
(FELBANK2)
H'0080 07EE
Virtual Flash L Bank Register 3
6-24
(FELBANK3)
H'0080 07F0
Virtual Flash L Bank Register 4 (Note 1)
6-24
(FELBANK4)
H'0080 07F2
Virtual Flash L Bank Register 5 (Note 1)
6-24
(FELBANK5)
H'0080 07F4
Virtual Flash L Bank Register 6 (Note 1)
6-24
(FELBANK6)
H'0080 07F6
Virtual Flash L Bank Register 7 (Note 1)
6-24
(FELBANK7)
Note 1: This area exists only in the 32186 and it is use prohibitation area in the 32185.
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com