Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 153Page - Renesas Technology Corp 32186 Datasheet HTML 154Page - Renesas Technology Corp 32186 Datasheet HTML 155Page - Renesas Technology Corp 32186 Datasheet HTML 156Page - Renesas Technology Corp 32186 Datasheet HTML 157Page - Renesas Technology Corp 32186 Datasheet HTML 158Page - Renesas Technology Corp 32186 Datasheet HTML 159Page - Renesas Technology Corp 32186 Datasheet HTML 160Page - Renesas Technology Corp 32186 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 1032 page
background image
6
INTERNAL MEMORY
6-15
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.5.1 Flash Mode Register
Flash Mode Register (FMOD)
<Address: H’0080 01E0>
<Upon exiting reset: H’1?>
b
Bit Name
Function
R
W
0–2
No function assigned. Fix to "0."
00
3
FAENS
0: Flash access disabled
R
–
Flash access enable status bit
1: Flash access enabled
4–6
No function assigned. Fix to "0."
00
7
FPMOD
0: FP pin = "L"
R
–
External FP pin status bit
1: FP pin = "H"
(1) FAENS (Flash Access Enable Status) bit (Bit 3)
The FAENS bit shows whether access to the flash memory is enabled or disabled. When the flash memory
is reset by the FRESET bit in Flash Control Register 4 (FCNT4) or accessed for programming/erasure, this
bit is cleared to "0," resulting in the flash memory being disabled against access. When the flash memory
becomes ready for access, this bit is set to "1." However, it requires up to 30 µs for FAENS bit to be "1" from
"0" after exiting Flash reset by FRESET bit or executing programming and erasing operation for Flash
memory.
(2) FPMOD (External FP Pin Status) bit (Bit 7)
The FPMOD is a status bit which indicates the FP (Flash Protect) pin status.
The internal flash memory is enabled for programming or erase operation only when FPMOD = "1," and is
protected against programming or erase operation when FPMOD = "0."
b0
123456
b7
FAENS
FPMOD
0001000
?
6.5 Registers Associated with Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com