Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 157Page - Renesas Technology Corp 32186 Datasheet HTML 158Page - Renesas Technology Corp 32186 Datasheet HTML 159Page - Renesas Technology Corp 32186 Datasheet HTML 160Page - Renesas Technology Corp 32186 Datasheet HTML 161Page - Renesas Technology Corp 32186 Datasheet HTML 162Page - Renesas Technology Corp 32186 Datasheet HTML 163Page - Renesas Technology Corp 32186 Datasheet HTML 164Page - Renesas Technology Corp 32186 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 1032 page
background image
6
INTERNAL MEMORY
6-19
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
FPROT = 0
FENTRY = 1
YES
NO
FENTRY = 1
FPROT = 1
FPROT is not set to 1 if a write cycle
to any other area occurs during this time.
Figure 6.5.1 Protection Unlocking Flow
Flash Control Register 3 (FCNT3)
<Address: H’0080 01E4>
<Upon exiting reset: H’11>
b
Bit Name
Function
R
W
0–2
No function assigned. Fix to "0."
00
3
FBSYCK
0: Command accepted normally
R
–
Busy check bit
1: Command not accepted normally
4–6
No function assigned. Fix to "0."
00
7
FPBSYCK
0: Command accepted normally
R
–
Prebusy check bit
1: Command not accepted normally
Flash Control Register 3 (FCNT3) is used when developing an internal flash memory write/erase program to
check whether commands have been accepted normally. This register does not need to be used for a program
that has been verified to be able to operate properly.
(1) FBSYCK (Busy Check) bit (Bit 3)
The FBSYCK bit is used to check whether the command of two or more cycles (confirmation command H'D0D0
or a command that requires write data) issued to the flash memory during flash E/W enable mode has been
accepted normally. Commands of two or more cycles are shown in Table 6.5.2. If the FBSYCK bit is found to be
"0" after issuing the busy check target command (See Table 6.5.2), it means that the busy check target com-
mand has been accepted normally. Conversely, if the FBSYCK bit is found to be "1," it means that the busy
check target command has not been accepted normally.
In addition to the above, the FBSYCK bit is set to "1" in the following cases:
1) When a prebusy check target command has been accepted
2) When the FRESET bit = "1"
3) When input on RESET# pin is pulled "L"
b0
12
3456
b7
FBSYCK
FPBSYCK
000
1000
1
6.5 Registers Associated with Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com