Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 158Page - Renesas Technology Corp 32186 Datasheet HTML 159Page - Renesas Technology Corp 32186 Datasheet HTML 160Page - Renesas Technology Corp 32186 Datasheet HTML 161Page - Renesas Technology Corp 32186 Datasheet HTML 162Page - Renesas Technology Corp 32186 Datasheet HTML 163Page - Renesas Technology Corp 32186 Datasheet HTML 164Page - Renesas Technology Corp 32186 Datasheet HTML 165Page - Renesas Technology Corp 32186 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 1032 page
background image
6
INTERNAL MEMORY
6-20
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.5 Registers Associated with Internal Flash Memory
(2) FPBSYCK (Prebusy Check) bit (Bit 7)
The FPBSYCK bit is used to check whether the command of two or more cycles (confirmation command
H'D0D0 or a command that requires write data) issued to the flash memory during flash E/W enable mode
has been accepted normally. If the FPBSYCK bit is found to be "0" after issuing the prebusy check target
command (See Table 6.5.2), it means that the prebusy check target command has been accepted normally.
Conversely, if the FPBSYCK bit is found to be "1," it means that the prebusy check target command has not
been accepted normally.
In addition to the above, the FPBSYCK bit is set to "1" in the following cases:
1) When in a ready state (FBUSY bit = "H" after a prebusy check target command has been accepted)
2) When the Clear Status Register command is issued
3) When the FRESET bit = "1"
4) When input on RESET# pin is pulled "L"
Table 6.5.2 Prebusy, Busy Check Target Comand
(Note1)
(Note2)
(Note1)
(Note2)
(Note1)
(Note2)
(Note1)
(Note2)
__
_
_
_
_
__
_
_
_
_
__
__
__
_
_
_
Lock bit Program
Write H'7777
(Lock bit program
command)
Write H'2020
(Block erase command)
Write H'7171
(Read lock bit status
command)
Write H'4343
(4 halfword program
command)
Write H'D0D0
(Confirmation command)
Write H'D0D0
(Confirmation command)
Write H'D0D0
(Confirmation command)
Write halfword data
Write halfword data
Write halfword data
Write halfword data
Block Erase
Read Lock bit Status
(during Register read mode)
4 Halfword Program
Note 1: Prebusy check target command
Note 2: Busy check target command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com