Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 154Page - Renesas Technology Corp 32186 Datasheet HTML 155Page - Renesas Technology Corp 32186 Datasheet HTML 156Page - Renesas Technology Corp 32186 Datasheet HTML 157Page - Renesas Technology Corp 32186 Datasheet HTML 158Page - Renesas Technology Corp 32186 Datasheet HTML 159Page - Renesas Technology Corp 32186 Datasheet HTML 160Page - Renesas Technology Corp 32186 Datasheet HTML 161Page - Renesas Technology Corp 32186 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 1032 page
background image
6
INTERNAL MEMORY
6-16
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.5 Registers Associated with Internal Flash Memory
6.5.2 Flash Status Register
Flash Status Register (FSTAT)
<Address: H’0080 01E1>
<Upon exiting reset: H’80>
b
Bit Name
Function
R
W
8
FBUSY
0: Being programmed or erased
R
–
Flash busy bit
1: Ready state
9
No function assigned. Fix to "0."
00
10
ERASE
0: Erase normally operating or terminated
R
–
Erase status confirmation bit
1: Erase error occurred
11
WRERR
0: Programming normally operating or terminated
R
–
Write status confirmation bit
1: Programming error occurred
12
No function assigned. Fix to "0."
00
13
FESQ1
?–
Reserved bit
14
FESQ2
?–
Reserved bit
15
No function assigned. Fix to "0."
00
Flash Status Register (FSTAT) consists of the following status bits that indicate the operation condition of the
flash memory.
(1) FBUSY (Flash Busy) bit (Bit 8)
The FBUSY bit is used to determine whether the operation on the flash memory is finished when it is being
programmed or erased. When FBUSY = "0," it means that the programming or erase operation is being
executed; when FBUSY = "1," the operation is finished.
Note: • Except when programming/erase processing on the flash memory is forcibly terminated, do not
manipulate the FRESET bit in Flash Control Register 4 (FCNT4) while the FBUSY bit = "0"
(programming/erasure in progress).
(2) ERASE (Erase Status Confirmation) bit (Bit 10)
The ERASE bit is used to determine after execution of processing whether the erase operation performed
on the flash memory resulted in an error. When ERASE = "0," it means that the erase operation terminated
normally; when ERASE = "1," the erase operation terminated in an error.
This bit is set to "1" (Erase error occurred) in the following cases:
• An invalid command is issued
• The operation is not executed under normal erase conditions (power voltage, temperature)
• Protect function by lock bit attempts to erase the valid area
• Erase operation is not available because of the internal flash memory failure
(3) WRERR (Write Status Confirmation) bit (Bit 11)
The WRERR bit is used to determine after completion of processing whether the programming operation
performed on the flash memory resulted in an error. When WRERR = "0," it means that the programming
operation terminated normally; when WRERR = "1," the programming operation terminated in an error.
This bit is set to "1" (Programming error occurred) in the following cases:
• An invalid command is issued
• The operation is not executed under normal programming conditions (power voltage, temperature)
• Protect function by lock bit attempts to write to the valid area
• Write operation is not available because of the internal flash memory failure
b8
9
10
11121314
b15
FBUSY
ERASE
WRERR
FESQ1
FESQ2
10
00000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com