Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 169Page - Renesas Technology Corp 32186 Datasheet HTML 170Page - Renesas Technology Corp 32186 Datasheet HTML 171Page - Renesas Technology Corp 32186 Datasheet HTML 172Page - Renesas Technology Corp 32186 Datasheet HTML 173Page - Renesas Technology Corp 32186 Datasheet HTML 174Page - Renesas Technology Corp 32186 Datasheet HTML 175Page - Renesas Technology Corp 32186 Datasheet HTML 176Page - Renesas Technology Corp 32186 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 1032 page
background image
6
INTERNAL MEMORY
6-31
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.6.2 Controlling Operation Modes during Flash Programming
The microcomputer’s operation mode is set by MOD0, MOD1 and Flash Control Register 1 (FCNT1) FENTRY bit.
The table below lists operation modes that may be used when programming or erasing the internal flash memory.
Table 6.6.1 Operation Modes Set during Flash Programming/Erase
FP
MOD0 MOD1 FENTRY (Note 1) Operation Mode
Reset Vector Entry
EI Vector Entry
0
0
0
0
Single-chip mode
Start address of internal
Flash area
1
0
0
0
flash memory
(H'0000 0080)
(H'0000 0000)
0
1
0
0
Processor mode
Start address of external
External area
area
(H'0000 0000)
(H'0000 0080)
0
0
1
0
External extension
Start address of internal
Flash area
1
0
1
0
mode
flash memory
(H'0000 0080)
(H'0000 0000)
1
0
0
1
Single-chip mode
Start address of internal
Beginning of internal RAM
+ flash E/W enable
flash memory
(H'0080 4000)
(H'0000 0000)
1
1
0
0
Boot mode
Boot program startup
Flash area
address
(H'0000 0080)
1
1
0
1
Boot mode + flash
Boot program startup
Beginning of internal RAM
E/W enable
address
(H'0080 4000)
1
0
1
1
External extension
Start address of internal
Beginning of internal RAM
mode + flash E/W
flash memory
(H'0080 4000)
enable
(H'0000 0000)
–
1
1
–
Setting inhibited
–
–
Note 1: Indicates the Flash Control Register 1 (FCNT1) FENTRY bit status (– denotes “Don’t care”). However, if FP = "0,"
writing "1" to FENTRY only results in it cleared to "0."
Note: • Always make sure the MOD2 pin is connected low (= 0) to ground (GND).
6.6 Programming Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com