Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 173Page - Renesas Technology Corp 32186 Datasheet HTML 174Page - Renesas Technology Corp 32186 Datasheet HTML 175Page - Renesas Technology Corp 32186 Datasheet HTML 176Page - Renesas Technology Corp 32186 Datasheet HTML 177Page - Renesas Technology Corp 32186 Datasheet HTML 178Page - Renesas Technology Corp 32186 Datasheet HTML 179Page - Renesas Technology Corp 32186 Datasheet HTML 180Page - Renesas Technology Corp 32186 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 1032 page
background image
6
INTERNAL MEMORY
6-35
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.6.3 Procedure for Programming/Erasing Internal Flash Memory
To program or erase the internal flash memory, set up chip mode to enter flash E/W enable mode and execute the
flash write/erase program in the internal RAM into which it has been transferred from the internal flash memory.
In flash E/W enable mode, because the internal flash memory cannot be accessed for read as in normal mode,
no programs present in it can be executed. Therefore, the flash write/erase program must be made available in
the internal RAM before entering flash E/W enable mode. Once flash E/W enable mode is entered into, only
flash command and no other commands can be used to access the internal flash memory.
To access the internal flash memory in flash E/W enable mode, issue commands for the internal flash memory
address to be operated on. The table below lists the commands that can be issued in flash E/W enable mode.
Note: • During flash E/W enable mode, the internal flash memory cannot be accessed for read or write
wordwise.
Table 6.6.2 Commands in Flash E/W Enable Mode
Command Name
Issued Command Data
Read Array command
H'FFFF
4 Halfword Program command
H'4343
Lock Bit Program command
H'7777
Block Erase command
H'2020
Clear Status Register command
H'5050
Read Lock Bit Status command
H'7171
Verify command (Note 1)
H'D0D0
Note 1: This command must be issued immediately after the Lock Bit Program, Block Erase or Read Lock Bit Status
command. If the Lock Bit Program, Block Erase or Read Lock Bit Status command is followed by other than the Verify
(H'D0D0) command, the Lock Bit Program, Block Erase or Read Lock Bit Status command is not executed normally
and terminated in error.
(1) Read Array command
Writing the Read Array command (H’FFFF) to any address of the internal flash memory places it in read
mode. Then read the desired flash memory address, and the content of that address will be read out.
Before exiting flash E/W enable mode, always be sure to execute the Read Array command.
6.6 Programming Internal Flash Memory
START
Write the Read Array command (H'FFFF)
to any address of the internal flash memory
Read the desired flash memory address
END
Final Address?
YES
NO
Figure 6.6.8 Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com