Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 177Page - Renesas Technology Corp 32186 Datasheet HTML 178Page - Renesas Technology Corp 32186 Datasheet HTML 179Page - Renesas Technology Corp 32186 Datasheet HTML 180Page - Renesas Technology Corp 32186 Datasheet HTML 181Page - Renesas Technology Corp 32186 Datasheet HTML 182Page - Renesas Technology Corp 32186 Datasheet HTML 183Page - Renesas Technology Corp 32186 Datasheet HTML 184Page - Renesas Technology Corp 32186 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 1032 page
background image
6
INTERNAL MEMORY
6-39
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 6.6.11 Block Erase
6.6 Programming Internal Flash Memory
(4) Block Erase command
The Block Erase command erases the content of the internal flash memory one block at a time. To perform
this operation, write the command data (H’2020) to any address of the internal flash memory. Next, write the
Verify command (H’D0D0) to the last even address of the flash memory block to be erased (see Table 6.6.3,
“Target Blocks and Specified Addresses”).
The protected flash memory blocks cannot be erased by the Block Erase command.
Block erase operation is automatically performed by the internal control circuit, and whether the Block Erase
command has finished can be known by checking the Flash Status Register (FSTAT) FBUSY (Flash busy)
bit. While the FBUSY bit = "0," the next block erase operation cannot be performed.
END
START
Write the Verify command (H'D0D0) to
the last even address of the flash
memory block to be erased
Write the Block Erase command
(H'2020) to any address of the
internal flash memory
Internal flash memory contents
are erased by the Block Erase
command
Wait for 1 µs
(using a hardware or software timer)
TIME OUT?
YES
NO
Forcibly terminated
YES
NO
Confirm the result of execution
of the erase process
(Note 1)
FBUSY bit = 1
6
s
Note 1: Check Flash Status Register (FSTAT) ERASE bit (for the erase status) and WRERR bit (for the write status).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com