Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 180Page - Renesas Technology Corp 32186 Datasheet HTML 181Page - Renesas Technology Corp 32186 Datasheet HTML 182Page - Renesas Technology Corp 32186 Datasheet HTML 183Page - Renesas Technology Corp 32186 Datasheet HTML 184Page - Renesas Technology Corp 32186 Datasheet HTML 185Page - Renesas Technology Corp 32186 Datasheet HTML 186Page - Renesas Technology Corp 32186 Datasheet HTML 187Page - Renesas Technology Corp 32186 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 1032 page
background image
6
INTERNAL MEMORY
6-42
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
6.6 Programming Internal Flash Memory
Figure 6.6.14 Read Lock Bit Status (Register Read Mode)
The following describes how to write to the lock bit.
a) To clear the lock bit to "0" (flash protected)
Issue the Lock Bit Program command (H’7777) to the memory block to be protected.
b) To set the lock bit to "1" (flash unprotected)
After setting the FPROT bit in Flash Control Register 2 to "1" (protection by lock bit disabled), use the
Block Erase command (H’2020) to erase the memory block to be unprotected.
The lock bit cannot be set to "1" directly by writing to it.
c) Lock bit status when reset
Because the lock bit is a nonvolatile bit, it remains unaffected when the microcomputer is reset or
powered off.
END
START
Write the Verify command (H'D0D0)
to any address of the block
Write the Read Lock Bit Status
command (H'7171) to any address
of the block to be read
TIME OUT?
YES
NO
Forcibly terminated
YES
NO
Confirm the Lock bit status bit
(Note 1)
FBUSY bit = 1
10 µs
Note 1: Check Flash Control Register 4 (FCNT4) FLOCKST bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com